Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIMXRT8024DAF4A Datasheet(PDF) 95 Page - NXP Semiconductors

Part # MIMXRT8024DAF4A
Description  i.MX RT1060X Crossover Processors for Extended Products
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMXRT8024DAF4A Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button MIMXRT8024DAF4A Datasheet HTML 91Page - NXP Semiconductors MIMXRT8024DAF4A Datasheet HTML 92Page - NXP Semiconductors MIMXRT8024DAF4A Datasheet HTML 93Page - NXP Semiconductors MIMXRT8024DAF4A Datasheet HTML 94Page - NXP Semiconductors MIMXRT8024DAF4A Datasheet HTML 95Page - NXP Semiconductors MIMXRT8024DAF4A Datasheet HTML 96Page - NXP Semiconductors MIMXRT8024DAF4A Datasheet HTML 97Page - NXP Semiconductors MIMXRT8024DAF4A Datasheet HTML 98Page - NXP Semiconductors MIMXRT8024DAF4A Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 103 page
background image
Table 83. 13 x 13 mm functional contact assignments (continued)
GPIO_SPI_B0_09
A8
NVCC_SPI0
Digital
GPIO
ALT5
GPIO10.IO[9]
Input
Keeper
Input
Keeper
GPIO_SPI_B0_10
C7
NVCC_SPI0
Digital
GPIO
ALT5
GPIO10.IO[10]
Input
Keeper
Input
Keeper
GPIO_SPI_B0_11
B7
NVCC_SPI0
Digital
GPIO
ALT5
GPIO10.IO[11]
Input
Keeper
Input
Keeper
GPIO_SPI_B0_12
A7
NVCC_SPI0
Digital
GPIO
ALT5
GPIO10.IO[12]
Input
Keeper
Input
Keeper
GPIO_SPI_B0_13
A6
NVCC_SPI0
Digital
GPIO
ALT5
GPIO10.IO[13]
Input
Keeper
Input
Keeper
GPIO_SPI_B1_00
L8
NVCC_SPI1
Digital
GPIO
ALT5
GPIO10.IO[14]
Input
Keeper
Input
Keeper
GPIO_SPI_B1_01
N7
NVCC_SPI1
Digital
GPIO
ALT5
GPIO10.IO[15]
Input
Keeper
Input
Keeper
GPIO_SPI_B1_02
R5
NVCC_SPI1
Digital
GPIO
ALT5
GPIO10.IO[16]
Input
Keeper
Input
Keeper
GPIO_SPI_B1_03
P6
NVCC_SPI1
Digital
GPIO
ALT5
GPIO10.IO[17]
Input
Keeper
Input
Keeper
GPIO_SPI_B1_04
L7
NVCC_SPI1
Digital
GPIO
ALT5
GPIO10.IO[18]
Input
Keeper
Input
Keeper
GPIO_SPI_B1_05
R4
NVCC_SPI1
Digital
GPIO
ALT5
GPIO10.IO[19]
Input
Keeper
Input
Keeper
GPIO_SPI_B1_06
P5
NVCC_SPI1
Digital
GPIO
ALT5
GPIO10.IO[20]
Input
Keeper
Input
Keeper
GPIO_SPI_B1_07
P4
NVCC_SPI1
Digital
GPIO
ALT5
GPIO10.IO[21]
Input
Keeper
Input
Keeper
ONOFF
R6
VDD_SNVS_I
N
Digital
GPIO
ALT0
ONOFF
Input
100 K PU
Input
100 K
PU
PMIC_ON_REQ
K9
VDD_SNVS_I
N
Digital
GPIO
ALT0
SNVS_LP.PMIC_
ON_REQ
Output 100 K PU Output
100 K
PU
PMIC_STBY_RE
Q
R9
VDD_SNVS_I
N
Digital
GPIO
ALT0
CCM.PMIC_VST
BY_REQ
Output 100 K PU
(PKE
disabled)
Output
100 K
PU
(PKE
disabled
)
Table continues on the next page...
NXP Semiconductors
Package information and contact assignments
i.MX RT1060X Crossover Processors for Extended Products , Rev. 1, 06/2022
Data Sheet: Technical Data
95 / 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com