Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCT8317A Datasheet(PDF) 23 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 23 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 19Page - Texas Instruments MCT8317A Datasheet HTML 20Page - Texas Instruments MCT8317A Datasheet HTML 21Page - Texas Instruments MCT8317A Datasheet HTML 22Page - Texas Instruments MCT8317A Datasheet HTML 23Page - Texas Instruments MCT8317A Datasheet HTML 24Page - Texas Instruments MCT8317A Datasheet HTML 25Page - Texas Instruments MCT8317A Datasheet HTML 26Page - Texas Instruments MCT8317A Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 161 page
background image
DUTY_CMD
PWM Duty at SPEED pin
100%
0
100%
DutyEN_SB DutyEX_SB
Figure 8-10. PWM Mode Speed Control
8.3.7.3 I2C based Speed Control
I2C based serial interface can be used for speed control by setting SPD_CTRL_MODE to 10b. In this mode,
the speed command can be written directly into SPEED_CTRL. The SPEED pin can be used to control
the sleep entry and exit - if SPEED pin input is set to a value lower than VEN_SL after SPEED_CTRL has
been set to 0b for a time longer than SLEEP_TIME, MCT8317A enters sleep state. When SPEED pin >
VEX_SL, MCT8317A exits sleep state and speed is controlled through SPEED_CTRL. If 0 ≤ SPEED_CTRL
≤ SPEED_CTRLEN_SB and SPEED pin > VEX_SL, MCT8317A is in standby state. The relationship between
DUTY_CMD and SPEED_CTRL is shown in Figure 8-11. Refer Section 8.4.1.2 for more information on
SPEED_CTRLEN_SB EX_SB and SPEED_CTRLEN_SB EN_SB.
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com