Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCT8317A Datasheet(PDF) 30 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 30 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 26Page - Texas Instruments MCT8317A Datasheet HTML 27Page - Texas Instruments MCT8317A Datasheet HTML 28Page - Texas Instruments MCT8317A Datasheet HTML 29Page - Texas Instruments MCT8317A Datasheet HTML 30Page - Texas Instruments MCT8317A Datasheet HTML 31Page - Texas Instruments MCT8317A Datasheet HTML 32Page - Texas Instruments MCT8317A Datasheet HTML 33Page - Texas Instruments MCT8317A Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 161 page
background image
• DUTY_CLAMP1 configures the duty command below which speed/power reference will be the constant in
forward direction. REF_CLAMP1 configures constant speed/power reference between DUTY_CLAMP1 and
DUTY_OFF1.
• DUTY_A configures the duty command for speed/power reference REF_A. The speed/power reference
changes linearly between DUTY_CLAMP1 and DUTY_A.
• DUTY_B configures the duty command above which MCT8317A will be in off state. The speed/power
reference remains constant at REF_A between DUTY_A and DUTY_B.
• DUTY_C configures the duty command at which the direction is changed
• DUTY_D configures the duty command above which the MCT8317A will be in running state in the reverse
direction. REF_D configures constant speed/power reference between DUTY_D and DUTY_E.
• DUTY_CLAMP2 configures the duty command above which speed/power reference will be constant at
REF_CLAMP2 in reverse direction. The speed/power reference changes linearly between DUTY_E and
DUTY_CLAMP2.
• DUTY_ON2 configures the duty command below which MCT8317A starts driving the motor in the reverse
direction (to speed/power reference set by REF_CLAMP2) when the current speed/power reference is zero.
When current speed/power reference is zero and duty command is above DUTY_ON2, MCT8317A continues
to be in off state and motor is stationary.
• DUTY_OFF2 configures the duty command above which the speed/power reference changes in the reverse
direction from REF_CLAMP2 to REF_OFF2.
8.3.8 Starting the Motor Under Different Initial Conditions
The motor can be in one of three states when MCT8317A begins the start-up process. The motor may be
stationary, spinning in the forward direction, or spinning in the reverse direction. The MCT8317A includes a
number of features to allow for reliable motor start-up under all of these conditions. Figure 8-17 shows the motor
start-up flow for each of the three initial motor states.
Sta onary
Spinning in forward
direc on
Spinning in reverse
direc on
Align
Double Align
Slow rst cycle
Closed Loop
Coast (Hi-Z)
Brake
Reverse Drive
IPD
Brake
Figure 8-17. Starting the motor under different initial conditions
Note
"Forward" means "spinning in the same direction as the commanded direction", and "Reverse" means
"spinning in the opposite direction as the commanded direction".
MCT8317A
SLLSFQ2 – JANUARY 2023
www.ti.com
30
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com