Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCT8317A Datasheet(PDF) 24 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 24 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 20Page - Texas Instruments MCT8317A Datasheet HTML 21Page - Texas Instruments MCT8317A Datasheet HTML 22Page - Texas Instruments MCT8317A Datasheet HTML 23Page - Texas Instruments MCT8317A Datasheet HTML 24Page - Texas Instruments MCT8317A Datasheet HTML 25Page - Texas Instruments MCT8317A Datasheet HTML 26Page - Texas Instruments MCT8317A Datasheet HTML 27Page - Texas Instruments MCT8317A Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 161 page
background image
DUTY_CMD
SPEED_CTRL
32767
0
100%
SPEED_CTRLEN_SB
SPEED_CTRLEX_SB
Figure 8-11. I2C Mode Speed Control
8.3.7.4 Frequency-Mode Speed Control
Frequency based speed control is configured by setting SPD_CTRL_MODE to 11b. In this mode, duty
command varies linearly as a function of the frequency of the square wave input at SPEED pin. When 0 ≤
FreqSPEED ≤ FreqEN_SB, DUTY_CMD is set to zero and the motor is stopped. When FreqEX_SB ≤ FreqSPEED ≤
INPUT_MAX_FREQUENCY, DUTY_CMD varies linearly with FreqSPEED as shown in Figure 8-12. FreqEX_SB
and FreqEN_SB are the standby entry and exit thresholds - refer Section 8.4.1.2 for more information on
FreqEX_SB and FreqEN_SB. Input frequency greater than INPUT_MAX_FREQUENCY clamps the DUTY_CMD
to 100%.
MCT8317A
SLLSFQ2 – JANUARY 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com