Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCT8317A Datasheet(PDF) 35 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 35 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 31Page - Texas Instruments MCT8317A Datasheet HTML 32Page - Texas Instruments MCT8317A Datasheet HTML 33Page - Texas Instruments MCT8317A Datasheet HTML 34Page - Texas Instruments MCT8317A Datasheet HTML 35Page - Texas Instruments MCT8317A Datasheet HTML 36Page - Texas Instruments MCT8317A Datasheet HTML 37Page - Texas Instruments MCT8317A Datasheet HTML 38Page - Texas Instruments MCT8317A Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 161 page
background image
can be disabled by setting ISD_EN to 0b. If the function is disabled (ISD_EN set to 0b), the MCT8317A does not
perform the initial speed detect function and proceeds to check if the brake routine (BRAKE_EN) is enabled.
8.3.9.2 Motor Resynchronization
The motor resynchronization function works when the ISD and resynchronization functions are both enabled and
the device determines that the initial state of the motor is spinning in the forward direction (same direction as
the commanded direction). The speed and position information measured during ISD are used to initialize the
drive state of the MCT8317A, which can transition directly into closed loop state without needing to stop the
motor. In the MCT8317A, motor resynchronization can be enabled/disabled through RESYNC_EN bit. If motor
resynchronization is disabled, the device proceeds to check if the motor coast (Hi-Z) routine is enabled.
8.3.9.3 Reverse Drive
The MCT8317A uses the reverse drive function to change the direction of the motor rotation when ISD_EN
and RVS_DR_EN are both set to 1b and the ISD determines the motor spin direction to be opposite to
that of the commanded direction. Reverse drive includes synchronizing with the motor speed in the reverse
direction, reverse decelerating the motor through zero speed, changing direction, and accelerating in open
loop in forward (or commanded) direction until the device transitions into closed loop in forward direction
(see Figure 8-20). MCT8317A uses the same parameter values for open to closed loop handoff threshold
(OPN_CL_HANDOFF_THR), open loop acceleration rates (OL_ACC_A1, OL_ACC_A2) and open loop current
limit (OL_ILIMIT) in the reverse direction as in the forward direction..
Reverse Deceleration
Open Loop
Handoff to close loop
Open loop
Close loop
Speed
Time
Handoff to open loop
Figure 8-20. Reverse Drive Function
8.3.9.4 Motor Start-up
There are different options available for motor start-up from a stationary position and these options can be
configured by MTR_STARTUP. In align and double align mode, the motor is aligned to a known position by
injecting a DC current. In IPD mode, the rotor position is estimated by applying 6 different high-frequency pulses.
In slow first cycle mode, the motor is started by applying a low frequency cycle.
8.3.9.4.1 Align
Align is enabled by configuring MTR_STARTUP to 00b. The MCT8317A aligns the motor by injecting a DC
current using a particular phase pattern (phase-C high-side FET and phase-B low-side FET are ON) - current
flowing into phase-B and flowing out from phase-C for a certain time configured by ALIGN_TIME.
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com