Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCT8317A Datasheet(PDF) 31 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 31 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 27Page - Texas Instruments MCT8317A Datasheet HTML 28Page - Texas Instruments MCT8317A Datasheet HTML 29Page - Texas Instruments MCT8317A Datasheet HTML 30Page - Texas Instruments MCT8317A Datasheet HTML 31Page - Texas Instruments MCT8317A Datasheet HTML 32Page - Texas Instruments MCT8317A Datasheet HTML 33Page - Texas Instruments MCT8317A Datasheet HTML 34Page - Texas Instruments MCT8317A Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 161 page
background image
8.3.8.1 Case 1 – Motor is Stationary
If the motor is stationary, the commutation must be initialized to be in phase with the position of the motor. The
MCT8317A provides various options to initialize the commutation logic to the motor position and reliably start the
motor.
• The align and double align techniques force the motor into alignment by applying a voltage across a
particular motor phase to force the motor to rotate in alignment with this phase.
• Initial position detect (IPD) determines the position of the motor based on the deterministic inductance
variation, which is often present in BLDC motors.
• The slow first cycle method starts the motor by applying a low frequency cycle to align the rotor position to
the applied commutation by the end of one electrical rotation.
MCT8317A also provides a configurable brake option to ensure the motor is stationary before initiating one of
the above start-up methods. Device enters open loop acceleration after going through the configured start-up
method.
8.3.8.2 Case 2 – Motor is Spinning in the Forward Direction
If the motor is spinning forward (same direction as the commanded direction) with sufficient speed (BEMF),
the MCT8317A resynchronizes with the spinning motor and continues commutation by going directly to closed
loop operation. By resynchronizing to the spinning motor, the user achieves the fastest possible start-up time
for this initial condition. This resynchronization feature can be enabled or disabled through RESYNC_EN. If
resynchronization is disabled, the MCT8317A can be configured to wait for the motor to coast to a stop and/or
apply a brake. After the motor has stopped spinning, the motor start-up sequence proceeds as in Case 1,
considering the motor is stationary.
8.3.8.3 Case 3 – Motor is Spinning in the Reverse Direction
If the motor is spinning in the reverse direction (the opposite direction as the commanded direction), the
MCT8317A provides several methods to change the direction and drive the motor to the target speed reference
in the commanded direction.
The reverse drive method allows the motor to be driven so that it decelerates through zero speed. The motor
achieves the shortest possible spin-up time when spinning in the reverse direction.
If reverse drive is not enabled, then the MCT8317A can be configured to wait for the motor to coast to a stop
and/or apply a brake. After the motor has stopped spinning, the motor start-up sequence proceeds as in Case 1,
considering the motor is stationary.
Note
Take care when using the reverse drive or brake feature to ensure that the current is limited to an
acceptable level and that the supply voltage does not surge as a result of energy being returned to the
power supply.
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com