Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCT8317A Datasheet(PDF) 38 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 38 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 34Page - Texas Instruments MCT8317A Datasheet HTML 35Page - Texas Instruments MCT8317A Datasheet HTML 36Page - Texas Instruments MCT8317A Datasheet HTML 37Page - Texas Instruments MCT8317A Datasheet HTML 38Page - Texas Instruments MCT8317A Datasheet HTML 39Page - Texas Instruments MCT8317A Datasheet HTML 40Page - Texas Instruments MCT8317A Datasheet HTML 41Page - Texas Instruments MCT8317A Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 161 page
background image
M
HSA
LSA
HSB
HSC
LSB
LSC
VM
Driving
Hi-Z (Tri-State)
M
HSA
LSA
HSB
HSC
LSB
LSC
VM
Figure 8-23. IPD Release Mode 1
8.3.9.4.3.3 IPD Advance Angle
After the initial position is detected, the MCT8317A begins driving the motor in open loop at an angle specified
by IPD_ADV_ANGLE.
Advancing the drive angle anywhere from 0° to 180° results in positive torque. Advancing the drive angle by
90° results in maximum initial torque. Applying maximum initial torque could result in uneven acceleration to the
rotor. Select the IPD_ADV_ANGLE to allow for smooth acceleration in the application (see Figure 8-24).
A
B
C
Motor spinning direction
30 advance
60 advance
90 advance
120 advance
A
B
C
A
B
C
A
B
C
A
B
C
Figure 8-24. IPD Advance Angle
8.3.9.4.4 Slow First Cycle Startup
Slow First Cycle start-up is enabled by configuring MTR_STARTUP to 11b. In slow first cycle start-up, the
MCT8317A starts motor commutation at a frequency defined by SLOW_FIRST_CYCLE_FREQ. The frequency
configured is used only for first cycle, and then the motor commutation follows acceleration profile configured by
open loop acceleration coefficients A1 and A2. The slow first cycle frequency has to be configured to be slow
enough to allow motor to synchronize with the commutation sequence. This mode is useful when fast startup is
desired as it significantly reduces the align time.
8.3.9.4.5 Open loop
Upon completing the motor position initialization with either align, double align, IPD or slow first cycle, the
MCT8317A begins to accelerate the motor in open loop. During open loop, fixed duty cycle is applied and the
cycle by cycle current limit functionality is used to regulate the current.
In MCT8317A, open loop current limit threshold is selected through OL_ILIMIT_CONFIG and is set either by
ILIMIT or OL_ILIMIT based on the configuration of OL_ILIMIT_CONFIG. Open loop duty cycle is configured
through OL_DUTY. While the motor is in open loop, speed (and commutation instants) is determined by
Equation 2. In MCT8317A, open loop acceleration coefficients, A1 and A2 are configured through OL_ACC_A1
and OL_ACC_A2 respectively. The function of the open-loop operation is to drive the motor to a speed at which
MCT8317A
SLLSFQ2 – JANUARY 2023
www.ti.com
38
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com