| Electronic Components Datasheet Search |
|
UPSD3422 Datasheet(PDF) 203 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3422 Datasheet(HTML) 203 Page - STMicroelectronics |
|
203 / 300 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) UPSD3422, UPSD3433, UPSD3434, UPSD3454 PSD module 203/300 28.2.7 The VM register One of the csiop registers (the VM register) controls whether or not the 8032 bus control signals RD, WR, and PSEN are routed to the Main Flash memory, or the Secondary Flash memory. Routing of these signals to these PSM Module memories determines if memories reside in 8032 program address space, 8032 XDATA space, or both. The initial setting of the VM register is determined by a choice in PSDsoft Express and programmed into the UPSD34xx in a non-volatile fashion using JTAG. This initial setting is loaded into the VM register upon power-up and also loaded upon any reset event. However, the 8032 may override the initial VM register setting at run-time by writing to the VM register, which is useful for IAP. Table 160 on page 203 defines bit functions within the VM register. Note: Bit 7, PIO_EN, is not related to the memory manipulation functions of Bits 1, 2, 3, and 4. SRAM and csiop registers are always in XDATA space and cannot reside in program space. Figure 69 on page 204 illustrates how the VM register affects the routing of RD, WR, and PSEN to the memories on the PSD module. As an example, if we apply the value 0Ch to the VM register to implement the memory map example shown in Figure 63 on page 198, then the routing of RD, WR, and PSEN would look like that shown in Figure 70 on page 204. In this example, the configuration is specified in PSDsoft Express and programmed into the UPSD34xx using JTAG. Upon power-on or any reset condition, the non-volatile value 0Ch is loaded into the VM register. At runtime, the value 0Ch in the VM register may be changed (overridden) by the 8032 if desired to implement IAP or other functions. Note: 1 Default value of Bits 1, 2, 3, and 4 is loaded from Non-Volatile setting as specified from PSDsoft Express upon any reset or power-up condition. The default value of these bits can be overridden by 8032 at run-time. 2 Default value of Bit 7 is zero upon any reset condition. Table 160. VM register (address = csiop + offset E2h) Bit 7 PIO_EN Bit 6 Bit 5 Bit 4 Main Flash XDATA space Bit 3 Secondary Flash XDATA space Bit 2 Main Flash program space Bit 1 Secondary Flash program space Bit 0 0 = disable Peripheral I/O Mode on Port A not used not used 0 = RD or WR cannot access Main Flash 0 = RD or WR cannot access Secondary Flash 0 = PSEN cannot access Main Flash 0 = PSEN cannot access Secondary Flash not used 1 = enable Peripheral I/O Mode on Port A not used not used 1 = RD or WR can access Main Flash 1 = RD or WR can access Secondary Flash 1 = PSEN can access Main Flash 1 = PSEN can access Secondary Flash not used Obsolete Product(s) - Obsolete Product(s) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |