Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/P Datasheet(PDF) 25 Page - Microchip Technology

Part # PIC16F15213T-I/P
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/P Datasheet(HTML) 25 Page - Microchip Technology

Back Button PIC16F15213T-I/P Datasheet HTML 21Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 22Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 23Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 24Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 25Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 26Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 27Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 28Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 439 page
background image
Value
Description
01
PWRT is set at 16 ms
00
PWRT is set at 1 ms
Bit 0 – MCLRE  Master Clear (MCLR) Enable
Value
Condition
Description
x
If LVP = 1
MCLR pin is MCLR
1
If LVP = 0
MCLR pin is MCLR
0
If LVP = 0
MCLR pin function is port-defined function
Notes: 
1.
The DEBUG bit is managed automatically by device development tools including debuggers and
programmers. For normal device operation, this bit needs to be maintained as a ‘1’.
2.
The higher voltage selection is recommended for operation at or above 16 MHz.
3.
When enabled, Brown-out Reset voltage (VBOR) is set by the BORV bit.
PIC16F15213/14/23/24/43/44
Device Configuration
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com