Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/P Datasheet(PDF) 70 Page - Microchip Technology

Part # PIC16F15213T-I/P
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/P Datasheet(HTML) 70 Page - Microchip Technology

Back Button PIC16F15213T-I/P Datasheet HTML 66Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 67Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 68Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 69Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 70Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 71Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 72Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 73Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 439 page
background image
...........continued
STKOVF STKUNF RWDT RMCLR
RI
POR
BOR
TO
PD
MEMV
Condition
0
0
u
1
1
u
0
1
1
u
Brown-out Reset
u
u
0
u
u
u
u
0
u
u
WDT Reset
u
u
u
u
u
u
u
0
0
u
WDT Wake-up
from Sleep
u
u
u
u
u
u
u
1
0
u
Interrupt Wake-up
from Sleep
u
u
u
0
u
u
u
u
u
1
MCLR Reset
during normal
operation
u
u
u
0
u
u
u
1
0
u
MCLR Reset
during Sleep
u
u
u
u
0
u
u
u
u
u
RESET Instruction
Executed
1
u
u
u
u
u
u
u
u
u
Stack Overflow
Reset (STVREN =
1)
u
1
u
u
u
u
u
u
u
u
Stack Underflow
Reset (STVREN =
1)
u
u
u
u
u
u
u
u
u
0
Memory Violation
Reset
Table 10-4. Reset Conditions for Special Registers
Condition
Program
Counter
STATUS
Register
PCON0 Register
PCON1
Register
Power-on Reset
0
---1 1000
0011 110x
---- --1-
Brown-out Reset
0
---1 1000
0011 11u0
---- --u-
MCLR Reset during normal operation
0
-uuu uuuu
uuuu 0uuu
---- --1-
MCLR Reset during Sleep
0
---1 0uuu
uuuu 0uuu
---- --u-
WDT Time-out Reset
0
---0 uuuu
uuu0 uuuu
---- --u-
WDT Wake-up from Sleep
PC + 1
---0 0uuu
uuuu uuuu
---- --u-
Interrupt Wake-up from Sleep
PC + 1(1)
---1 0uuu
uuuu uuuu
---- --u-
RESET Instruction Executed
0
---u uuuu
uuuu u0uu
---- --u-
Stack Overflow Reset (STVREN = 1)
0
---u uuuu
1uuu uuuu
---- --u-
Stack Underflow Reset (STVREN = 1)
0
---u uuuu
u1uu uuuu
---- --u-
Memory Violation Reset
0
-uuu uuuu
uuuu uuuu
---- --0-
Legend: u = unchanged, x = unknown, — = unimplemented bit, reads as ‘0’.
Note: 
1.
When the wake-up is due to an interrupt and Global Interrupt Enable (GIE) bit is set, the return address is
pushed on the stack and PC is loaded with the interrupt vector (0004h) after execution of PC + 1.
PIC16F15213/14/23/24/43/44
Resets
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com