Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/P Datasheet(PDF) 32 Page - Microchip Technology

Part # PIC16F15213T-I/P
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/P Datasheet(HTML) 32 Page - Microchip Technology

Back Button PIC16F15213T-I/P Datasheet HTML 28Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 29Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 30Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 31Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 32Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 33Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 34Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 35Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 439 page
background image
9.
Memory Organization
There are 2 types of memory in PIC16F152 microcontroller devices:
• Program Memory
– Program Flash Memory
– Configuration Words
– Device ID
– Revision ID
– User ID
– Device Information Area (DIA)
– Device Configuration Information (DCI)
• Data Memory
– Core Registers
– Special Function Registers (FSR)
– General Purpose RAM (GPR)
– Common RAM
In Harvard architecture devices, the data and program memories use separate buses that allow for concurrent
access of the two memory spaces.
Additional detailed information on the operation of the Program Flash Memory is provided in the “NVM - Nonvolatile
Memory Module” section.
9.1
Program Memory Organization
The enhanced mid-range core has a 15-bit Program Counter capable of addressing 32K x 14 program memory
space. The table below shows the memory sizes implemented. Accessing a location above these boundaries will
cause a wrap-around within the implemented memory space.
The Reset vector is at 0000h and the interrupt vector is at 0004h. Refer to the “Interrupts” chapter for more details.
Table 9-1. Device Sizes And Addresses
Device
Program Memory Size (Words)
Last Program Memory Address
PIC16F15213
2,048
07FFh
PIC16F15214
4,096
0FFFh
PIC16F15223
2,048
07FFh
PIC16F15224
4,096
0FFFh
PIC16F15243
2,048
07FFh
PIC16F15244
4,096
0FFFh
PIC16F15213/14/23/24/43/44
Memory Organization
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com