Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/P Datasheet(PDF) 41 Page - Microchip Technology

Part # PIC16F15213T-I/P
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/P Datasheet(HTML) 41 Page - Microchip Technology

Back Button PIC16F15213T-I/P Datasheet HTML 37Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 38Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 39Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 40Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 41Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 42Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 43Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 44Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 439 page
background image
Figure 9-4. Memory Map Banks 0 - 7
000h
00Bh
Core Registers
080h
08Bh
Core Registers
100h
10Bh
Core Registers
180h
18Bh
Core Registers
200h
20Bh
Core Registers
280h
28Bh
Core Registers
300h
30Bh
Core Registers
380h
38Bh
Core Registers
00Ch
PORTA
08Ch
—
10Ch
RB4I2C
(1)
18Ch
SSP1BUF
20Ch
TMR1L
28Ch
T2TMR
30Ch
CCPR1L
38Ch
—
00Dh
PORTB
(1)
08Dh
—
10Dh
RB6I2C
(1)
18Dh
SSP1ADD
20Dh
TMR1H
28Dh
T2PR
30Dh
CCPR1H
38Dh
—
00Eh
PORTC
(2)
08Eh
—
10Eh
RC0I2C
(3)
18Eh
SSP1MSK
20Eh
T1CON
28Eh
T2CON
30Eh
CCP1CON
38Eh
—
00Fh
—
08Fh
—
10Fh
RC1I2C
(3)
18Fh
SSP1STAT
20Fh
T1GCON
28Fh
T2HLT
30Fh
CCP1CAP
38Fh
—
010h
—
090h
—
110h
—
190h
SSP1CON1
210h
T1GATE
290h
T2CLK
310h
CCPR2L
390h
—
011h
—
091h
—
111h
—
191h
SSP1CON2
211h
T1CLK
291h
T2RST
311h
CCPR2H
391h
—
012h
TRISA
092h
—
112h
—
192h
SSP1CON3
212h
—
292h
—
312h
CCP2CON
392h
—
013h
TRISB
(1)
093h
—
113h
—
193h
—
213h
—
293h
—
313h
CCP2CAP
393h
—
014h
TRISC
(2) 
094h
—
114h
—
194h
—
214h
—
294h
—
314h
PWM3DCL
394h
—
015h
—
095h
—
115h
—
195h
—
215h
—
295h
—
315h
PWM3DCH
395h
—
016h
—
096h
—
116h
—
196h
—
216h
—
296h
—
316h
PWM3CON
396h
—
017h
—
097h
—
117h
—
197h
—
217h
—
297h
—
317h
—
397h
—
018h
LATA
098h
—
118h
—
198h
—
218h
—
298h
—
318h
PWM4DCL
398h
—
019h
LATB
(1)
099h
—
119h
RC1REG
199h
—
219h
—
299h
—
319h
PWM4DCH
399h
—
01Ah
LATC
(2) 
09Ah
CPCON
11Ah
TX1REG
19Ah
—
21Ah
—
29Ah
—
31Ah
PWM4CON
39Ah
—
01Bh
—
09Bh
ADRESL
11Bh
SP1BRGL
19Bh
—
21Bh
—
29Bh
—
31Bh
—
39Bh
—
01Ch
—
09Ch
ADRESH
11Ch
SP1BRGH
19Ch
—
21Ch
—
29Ch
—
31Ch
—
39Ch
—
01Dh
—
09Dh
ADCON0
11Dh
RC1STA
19Dh
—
21Dh
—
29Dh
—
31Dh
—
39Dh
—
01Eh
—
09Eh
ADCON1
11Eh
TX1STA
19Eh
—
21Eh
—
29Eh
—
31Eh
—
39Eh
—
01Fh
—
09Fh
ADACT
11Fh
BAUD1CON
19Fh
—
21Fh
—
29Fh
—
31Fh
—
39Fh
—
020h   
0A0h
120h
1A0h
220h
2A0h  
320h 
32Fh 
General          
Purpose       
Registers          
16 Bytes
(4)
3A0h
06Fh
0EFh
16Fh
1EFh
26Fh
  2EFh
330h  
36Fh
Unimplemented 
Read as '0'
3EFh
070h
07Fh
Common RAM
(Accesses
70h‐7Fh)
0F0h
0FFh
Common RAM
(Accesses
70h‐7Fh)
170h
17Fh
Common RAM
(Accesses
70h‐7Fh)
1F0h
1FFh
Common RAM
(Accesses
70h‐7Fh)
270h
27Fh
Common RAM
(Accesses
70h‐7Fh)
2F0h
2FFh
Common RAM
(Accesses
70h‐7Fh)
370h
37Fh
Common RAM
(Accesses
70h‐7Fh)
3F0h
3FFh
Common RAM
(Accesses
70h‐7Fh)
Note:
BANK 7
General
Purpose
Registers
80 Bytes
General
Purpose
Registers
80 Bytes
General
Purpose
Registers
80 Bytes
General
Purpose
Registers
80 Bytes
(4)
BANK 0
BANK 2
BANK 1
BANK 3
General
Purpose
Registers
80 Bytes
(4)
General          
Purpose          
Registers           
80 Bytes
(4)
Unimplemented 
Read as '0'
Legend:
                  Unimplemented data memory locations, read as '0'
1. 20-pin devices only
BANK 6
BANK 4
BANK 5
2. 14/20-pin devices only
3. 14-pin devices only
4. PIC16F15214/24/44 only
Figure 9-5. Memory Map Banks 8 - 15
400h
40Bh
Core Registers
480h
48Bh
Core Registers
500h
50Bh
Core Registers
580h
58Bh
Core Registers
600h
60Bh
Core Registers
680h
68Bh
Core Registers
700h
70Bh
Core Registers
780h
78Bh
Core Registers
40Ch
—
48Ch
—
50Ch
—
58Ch
—
60Ch
—
68Ch
—
70Ch
PIR0
78Ch
—
40Dh
—
48Dh
—
50Dh
—
58Dh
—
60Dh
—
68Dh
—
70Dh
PIR1
78Dh
—
40Eh
—
48Eh
—
50Eh
—
58Eh
—
60Eh
—
68Eh
—
70Eh
PIR2
78Eh
—
40Fh
—
48Fh
—
50Fh
—
58Fh
—
60Fh
—
68Fh
—
70Fh
—
78Fh
—
410h
—
490h
—
510h
—
590h
—
610h
—
690h
—
710h
—
790h
—
411h
—
491h
—
511h
—
591h
—
611h
—
691h
—
711h
—
791h
—
412h
—
492h
—
512h
—
592h
—
612h
—
692h
—
712h
—
792h
—
413h
—
493h
—
513h
—
593h
—
613h
—
693h
—
713h
—
793h
—
414h
—
494h
—
514h
—
594h
—
614h
—
694h
—
714h
—
794h
—
415h
—
495h
—
515h
—
595h
—
615h
—
695h
—
715h
—
795h
—
416h
—
496h
—
516h
—
596h
—
616h
—
696h
—
716h
PIE0
796h
—
417h
—
497h
—
517h
—
597h
—
617h
—
697h
—
717h
PIE1
797h
—
418h
—
498h
—
518h
—
598h
—
618h
—
698h
—
718h
PIE2
798h
—
419h
—
499h
—
519h
—
599h
—
619h
—
699h
—
719h
—
799h
—
41Ah
—
49Ah
—
51Ah
—
59Ah
—
61Ah
—
69Ah
—
71Ah
—
79Ah
—
41Bh
—
49Bh
—
51Bh
—
59Bh
—
61Bh
—
69Bh
—
71Bh
—
79Bh
—
41Ch
—
49Ch
—
51Ch
—
59Ch
TMR0L
61Ch
—
69Ch
—
71Ch
—
79Ch
—
41Dh
—
49Dh
—
51Dh
—
59Dh
TRM0H
61Dh
—
69Dh
—
71Dh
—
79Dh
—
41Eh
—
49Eh
—
51Eh
—
59Eh
T0CON0
61Eh
—
69Eh
—
71Eh
—
79Eh
—
41Fh
—
49Fh
—
51Fh
—
59Fh
T0CON1
61Fh
—
69Fh
—
71Fh
—
79Fh
—
420h
4A0h
520h
5A0h
620h 
6A0h
720h
7A0h
46Fh
4EFh
56Fh
5EFh
 
66Fh
6EFh
76Fh
7EFh
470h
47Fh
Common RAM
(Accesses
70h‐7Fh)
4F0h
4FFh
Common RAM
(Accesses
70h‐7Fh)
570h
57Fh
Common RAM
(Accesses
70h‐7Fh)
5F0h
5FFh
Common RAM
(Accesses
70h‐7Fh)
670h
67Fh
Common RAM
(Accesses
70h‐7Fh)
6F0h
6FFh
Common RAM
(Accesses
70h‐7Fh)
770h
77Fh
Common RAM
(Accesses
70h‐7Fh)
7F0h
7FFh
Common RAM
(Accesses
70h‐7Fh)
Unimplemented 
Read as '0'
Unimplemented 
Read as '0'
Unimplemented 
Read as '0'
Legend:
                  Unimplemented data memory locations, read as '0'
Unimplemented 
Read as '0'
Unimplemented 
Read as '0'
Unimplemented 
Read as '0'
Unimplemented 
Read as '0'
Unimplemented 
Read as '0'
BANK 14
BANK 15
BANK 8
BANK 9
BANK 10
BANK 11
BANK 12
BANK 13
PIC16F15213/14/23/24/43/44
Memory Organization
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com