Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/P Datasheet(PDF) 80 Page - Microchip Technology

Part # PIC16F15213T-I/P
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/P Datasheet(HTML) 80 Page - Microchip Technology

Back Button PIC16F15213T-I/P Datasheet HTML 76Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 77Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 78Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 79Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 80Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 81Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 82Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 83Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 439 page
background image
11.2.2.1.1 HFINTOSC Frequency Tuning
The HFINTOSC frequency can be fine-tuned via the HFINTOSC Frequency Tuning Register (OSCTUNE). The
OSCTUNE register provides small adjustments to the HFINTOSC nominal frequency.
The OSCTUNE register contains the HFINTOSC Frequency Tuning (TUN) bits. The TUN bits default to a 6-bit, two’s
compliment value of 0x00, which indicates that the oscillator is operating at the selected frequency. When a value
between 0x01 and 0x1F is written to the TUN bits, the HFINTOSC frequency is increased. When a value between
0x3F and 0x20 is written to the TUN bits, the HFINTOSC frequency is decreased.
When the OSCTUNE register is modified, the oscillator will begin to shift to the new frequency. Code execution
continues during this shift. There is no indication that the frequency shift occurred.
Important:  OSCTUNE tuning does not affect the LFINTOSC frequency.
11.2.2.2 MFINTOSC
The Medium-Frequency Internal Oscillator (MFINTOSC) generates two constant clock outputs (500 kHz and 31.25
kHz). The MFINTOSC clock signals are created from the HFINTOSC using dynamic divider logic, which provides
constant MFINTOSC clock rates regardless of selected HFINTOSC frequency.
The MFINTOSC cannot be used as the system clock, but can be used as a clock source for certain peripherals, such
as a Timer.
11.2.2.3 SFINTOSC
The Specified Frequency Internal Oscillator (SFINTOSC) generates a 1 MHz output clock. The SFINTOSC clock
signal is created from the HFINTOSC using dynamic divider logic, which provides a constant SFINTOSC clock rate
regardless of the selected HFINTOSC frequency.
The SFINTOSC cannot be used as the system clock, but may be selected as a clock source for certain peripherals,
such as a Timer.
11.2.2.4 LFINTOSC
The Low-Frequency Internal Oscillator (LFINTOSC) is a factory-calibrated 31 kHz internal clock source.
The LFINTOSC can be used as a system clock source, and may be used by certain peripheral modules as a clock
source. Additionally, the LFINTOSC provides a time base for the following:
• Power-up Timer (PWRT)
• Watchdog Timer (WDT)
The LFINTOSC is enabled by programming the RSTOSC Configuration bits to select LFINTOSC.
11.2.2.5 ADCRC
The Analog-to-Digital RC (ADCRC) oscillator is dedicated to the ADC module. This oscillator is also referred to as the
FRC clock. The ADCRC operates at a fixed frequency of approximately 600 kHz, and is used as a conversion clock
source. The ADCRC allows the ADC module to operate in Sleep mode, which can reduce system noise during the
ADC conversion. The ADCRC is automatically enabled when it is selected as the clock source for the ADC module,
or when selected as the clock source of any peripheral that may use it. The ADCRC may also be manually enabled
via the ADC Oscillator Enable (ADOEN) bit, thereby avoiding start-up delays when this source is used intermittently.
11.2.3
Oscillator Status and Manual Enable
The Oscillator Status (OSCSTAT) register displays the Ready status for each of the following oscillators:
• HFINTOSC
• MFINTOSC
• LFINTOSC
• ADCRC
• SFINTOSC
PIC16F15213/14/23/24/43/44
OSC - Oscillator Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com