Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/P Datasheet(PDF) 28 Page - Microchip Technology

Part # PIC16F15213T-I/P
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/P Datasheet(HTML) 28 Page - Microchip Technology

Back Button PIC16F15213T-I/P Datasheet HTML 24Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 25Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 26Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 27Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 28Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 29Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 30Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 31Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 439 page
background image
Bits 2:0 – BBSIZE[2:0]  Boot Block Size Selection(5,6)
Table 8-1. Boot Block Size
BBEN
BBSIZE
End Address of
Boot Block
Boot Block Size (words)
PIC16F15213
PIC16F15223
PIC16F15243
PIC16F15214
PIC16F15224
PIC16F15244
1
xxx
–
–
0
111
01FFh
512
0
110
03FFh
1024
0
101
07FFh
–(6)
2048
0
100
0FFFh
–(6)
0
011
1FFFh
–(6)
0
010
3FFFh
–(6)
0
001
3FFFh
–(6)
0
000
3FFFh
–(6)
Notes: 
1.
The LVP bit cannot be written (to zero) while operating from the LVP programming interface. The purpose
of this rule is to prevent the user from dropping out of LVP mode while programming from LVP mode, or
accidentally eliminating LVP mode from the Configuration state.
2.
Once protection is enabled through ICSP or a self-write, it can only be reset through a Bulk Erase.
3.
Applicable only if SAFEN = 0.
4.
Applicable only if BBEN = 0.
5.
The BBSIZE[2:0] bits can only be changed when BBEN = 1. Once BBEN = 0, BBSIZE[2:0] can only be
changed through a Bulk Erase.
6.
The maximum Boot Block size is half of the user program memory size. Any selection that will exceed the half
of a device’s program memory will default to a maximum Boot Block size of half PFM. For example, all settings
of BBSIZE from ‘110’ to ‘000’ for a PIC16F15213 (Max PFM = 2048 words) will result in a maximum Boot
Block size of 1024 words.
PIC16F15213/14/23/24/43/44
Device Configuration
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com