Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/P Datasheet(PDF) 68 Page - Microchip Technology

Part # PIC16F15213T-I/P
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/P Datasheet(HTML) 68 Page - Microchip Technology

Back Button PIC16F15213T-I/P Datasheet HTML 64Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 65Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 66Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 67Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 68Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 69Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 70Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 71Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 439 page
background image
10.3.2
MCLR Disabled
When MCLR is disabled, the MCLR becomes input-only and pin functions such as internal weak pull-ups are under
software control.
10.4
Watchdog Timer (WDT) Reset
The Watchdog Timer generates a Reset if the firmware does not issue a CLRWDT instruction within the time-out
period. The TO, PD and RWDT bits are changed to indicate a WDT Reset caused by the timer overflowing.
10.5
RESET Instruction
A RESET instruction will cause a device Reset. The RI bit will be set to ‘0’. See Table 10-4 for default conditions after
a RESET instruction has occurred.
10.6
Stack Overflow/Underflow Reset
The device can reset when the Stack Overflows or Underflows. The STKOVF or STKUNF bits indicate the Reset
condition. These Resets are enabled by setting the STVREN bit.
10.7
Power-Up Timer (PWRT)
The Power-up Timer provides up to a 64 ms time-out period on POR or BOR. The device is held in Reset as long as
PWRT is active. The PWRT delay allows additional time for the VDD to rise to an acceptable level.
The Power-up Timer is controlled by the PWRTS bits. The Power-up Timer starts after the release of the POR and
BOR. For additional information, refer to the “Power-up Trouble Shooting” Application Note AN607.
10.8
Start-Up Sequence
Upon the release of a POR or BOR, the following must occur before the device will begin executing:
1.
Power-up Timer runs to completion (if enabled).
2.
MCLR must be released (if enabled).
The Power-up Timer runs independently of MCLR Reset. If MCLR is kept low long enough, the Power-up Timer will
expire. Upon bringing MCLR high, the device will begin execution after 10 FOSC cycles (see Figure 10-3). This is
useful for testing purposes or for synchronizing more than one device operating in parallel.
PIC16F15213/14/23/24/43/44
Resets
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com