Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/P Datasheet(PDF) 34 Page - Microchip Technology

Part # PIC16F15213T-I/P
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/P Datasheet(HTML) 34 Page - Microchip Technology

Back Button PIC16F15213T-I/P Datasheet HTML 30Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 31Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 32Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 33Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 34Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 35Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 36Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 37Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 439 page
background image
Figure 9-2. Program Memory and Stack (PIC16F152x4)
Filename:
Figure 4-2 Memory Map and Stack (4k).vsdx
Title:
Last Edit:
1/23/2020
First Used:
Notes:
Rev. Figure 4-2
1/23/2020
PC[14:0]
Stack Level 0
Stack Level 1
Stack Level 15
Reset Vector
Interrupt Vector
On-chip
Program
Memory
Unimplemented
0000h
0004h
0005h
0FFFh
1000h
7FFFh
15
CALL, CALLW
RETURN, RETLW
Interrupt, RETFIE
9.1.1
Reading Program Memory as Data
There are three methods of accessing constants in program memory. The first method is to use tables of RETLW
instructions, the second, to set an FSR to point to the program memory, and the third is to use the NVMREG interface
to access the program memory.
9.1.1.1
RETLW Instruction
The RETLW instruction can be used to provide access to tables of constants. The recommended way to create such a
table is shown in the following example.
Example 9-1. Accessing Table of Constants Using the RETLW Instruction
constants
BRW
;Add Index in W to
;program counter to
;select data
RETLW DATA0
;Index0 data
PIC16F15213/14/23/24/43/44
Memory Organization
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com