Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 250 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 250 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 246Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 247Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 248Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 249Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 250Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 251Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 252Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 253Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 254Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 439 page
background image
Figure 25-1. MSSP Block Diagram (SPI Mode)
Filename:
MSSP Block Diagram (SPI mode) -A (HCedit)=GUID-8B8828CF-1BBD-442E-A5A8-BA3DD4B03E5C=1=en-
US=Source.vsdx
Title:
Last Edit:
2/9/2021
First Used:
Notes:
Read
Write
SSPxBUF
8
8
SSPxSR
8
Bit 0
Shift clock
SDI
SDO
Data bus
Control
Enable
2
(CKP, CKE)
clock select
Edge
select
Edge
select
Prescaler
4, 16, 64
(T2_match)
2
TOSC
Baud Rate
Generator
(SSPxADD)
TRIS bit
4
SSPM[3:0]
SSx
SDO_out
SCK
PPS
PPS
PPS
PPS
PPS
SCK_out
SSPxDATPPS
SSPxSSPPS
RxyPPS
RxyPPS
(1)
SSPxCLKPPS
(2)
Note
s: 1. Output selection for Host mode.
2. Input selection for Client and Host modes.
The SPI bus operates with a single host device and one or more client devices. When multiple client devices
are used, an independent Client Select connection is required from the host device to each client device. The
host selects only one client at a time. Most client devices have tri-state outputs, so their output signal appears
disconnected from the bus when they are not selected.
Figure 25-2 shows a typical connection between a host device and multiple client devices.
PIC16F15213/14/23/24/43/44
MSSP - Host Synchronous Serial Port Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com