Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 96 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 96 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 92Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 93Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 94Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 95Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 96Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 97Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 98Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 99Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 439 page
background image
12.9.5
PIR0
Name: 
PIR0
Offset: 
0x70C
Peripheral Interrupt Request Register 0
Bit
7
6
5
4
3
2
1
0
TMR0IF
IOCIF
INTF
Access
R/W/HS
R
R/W/HS
Reset
0
0
0
Bit 5 – TMR0IF Timer0 Interrupt Flag
Value
Description
1
TMR0 register has overflowed (must be cleared by software)
0
TMR0 register has not overflowed
Bit 4 – IOCIF  Interrupt-on-Change Flag(2)
Value
Description
1
One or more of the IOCAF-IOCCF register bits are currently set, indicating an enabled edge was
detected by the IOC module.
0
None of the IOCAF-IOCCF register bits are currently set
Bit 0 – INTF  External Interrupt Flag(1)
Value
Description
1
External interrupt has occurred
0
External interrupt has not occurred
Notes: 
1.
The external interrupt INT pin is selected by INTPPS.
2.
The IOCIF bit is the logical OR of all the IOCAF-IOCCF flags. Therefore, to clear the IOCIF flag, application
firmware must clear all of the lower level IOCAF-IOCCF register bits.
3.
Interrupt flag bits are set when an interrupt condition occurs, regardless of the state of its corresponding
enable bit or the Global Interrupt Enable (GIE) bit. User software needs to ensure the appropriate interrupt flag
bits are cleared before enabling an interrupt.
PIC16F15213/14/23/24/43/44
Interrupts
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com