Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 45 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 45 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 41Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 42Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 43Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 44Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 45Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 46Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 47Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 48Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 439 page
background image
Figure 9-12. Memory Map Bank 61
1E80h
1E8Bh
Core Registers
1E8Ch
1E8Dh
1E8Eh
1E8Fh
PPSLOCK
1E90h
INTPPS
1E91h
T0CKIPPS
1E92h
T1CKIPPS
1E93h
T1GPPS
1E94h
1E9Bh
1E9Ch
T2INPPS
1E9Dh
1EA0h
1EA1h
CCP1PPS
1EA2h
CCP2PPS
1EA3h
1EC2h
1EC3h  
ADACTPPS
1EC4h
—
1EC5h
SSP1CLKPPS
1EC6h
SSP1DATPPS
1EC7h
SSP1SSPPS
1EC8h
1ECAh
1ECBh
RX1PPS
1ECCh
CK1PPS
1ECDh
1E6Fh
1E70h
1E7Fh
Common RAM
(Accesses
70h‐7Fh)
BANK 61
Legend:
                  Unimplemented data memory locations, read as '0'
Unimplemented 
Read as '0'
Unimplemented 
Read as '0'
Unimplemented 
Read as '0'
Unimplemented 
Read as '0'
Unimplemented 
Read as '0'
Unimplemented 
Read as '0'
PIC16F15213/14/23/24/43/44
Memory Organization
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com