Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 36 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 36 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 32Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 33Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 34Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 35Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 36Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 37Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 38Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 39Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 439 page
background image
Important:  Storage Area Flash, when enabled, may be used to store variables or other information, often
in devices without EEPROM; however, the SAF is accessed in the same manner as other Flash memory
areas.
9.1.2.4
Memory Write Protection
All the memory blocks have corresponding write protection bits (WRTAPP, WRTB, WRTC, and WRTSAF). If write-
protected locations are written from NVMCON registers, the memory is not changed and the WRERR bit of the
NVMCON1 register is set as explained in the “WRERR Bit” section from the “NVM - Nonvolatile Memory Control”
chapter.
9.1.2.5
Memory Violation
A Memory Execution Violation Reset occurs while executing an instruction that has been fetched from outside a valid
execution area, clearing the MEMV bit. Refer to the “Memory Execution Violation” section in the “Resets” chapter
for the available valid program execution areas and the PCON1 register definition for MEMV bit conditions.
Table 9-2. Memory Access Partition
REG
Address
Partition
BBEN = 1
SAFEN = 1
BBEN = 1
SAFEN = 0
BBEN = 0
SAFEN = 1
BBEN = 0
SAFEN = 0
PFM
00 0000h ... Last Block
Memory Address
Application
Block(4)
Application
Block(4)
Boot Block(4)
Boot Block(4)
Last Boot Block Memory
Address + 1(1) ...
Last Program Memory
Address - 80h
Application
Block(4)
Application
Block(4)
Last Program Memory
Address - 7Fh(2) ...
Last Program Memory
Address
SAF(4)
SAF(4)
CONFIG
Config Memory
Address(3)
CONFIG
Notes: 
1.
Last Boot Block Memory Address is based on the BBSIZE Configuration bits.
2.
Last Program Memory Address is the Flash size given in the “Program Memory Organization” section in the
“NVM - Nonvolatile Memory Control” chapter.
3.
Config Memory Address are the address locations of the Configuration Words given in the “NVMREG Access
to DIA, DCI, User ID, DEV/REV ID, and Configuration Words” section in the “NVM - Nonvolatile Memory
Control” chapter.
4.
Each memory block has a corresponding write protection fuse defined by the WRTAPP, WRTB, WRTC, and
WRTSAF Configuration bits.
9.1.3
Device Information Area (DIA)
The Device Information Area (DIA) is a dedicated region in the Program Flash Memory. The data is mapped from
address 8100h to 811 Fh. These locations are read-only and cannot be erased or modified. The DIA contains
the Microchip Unique Identifier words, and the FVR voltage readings in millivolts (mV). Table 9-3 holds the DIA
information for the PIC16F152 family of microcontrollers.
PIC16F15213/14/23/24/43/44
Memory Organization
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com