Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 52 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 52 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 48Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 49Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 50Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 51Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 52Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 53Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 54Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 55Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 439 page
background image
9.5.2
Overflow/Underflow Reset
If the STVREN bit is programmed to ‘1’, the device will be reset if the stack is PUSHed beyond the sixteenth level or
POPed beyond the first level, setting the appropriate bits (STKOVF or STKUNF, respectively).
9.6
Indirect Addressing
The INDFn registers are not physical registers. Any instruction that accesses an INDFn register actually accesses
the register at the address specified by the File Select Registers (FSR). If the FSRn address specifies one of the two
INDFn registers, the read will return ‘0’ and the write will not occur (though Status bits may be affected). The FSRn
register value is created by the pair FSRnH and FSRnL.
The FSR registers form a 16-bit address that allows an addressing space with 65536 locations. These locations are
divided into three memory regions:
• Traditional/Banked Data Memory
• Linear Data Memory
• Program Flash Memory
Figure 9-19. Indirect Addressing
Filename:
Indirect Addressing.vsdx
Title:
Last Edit:
9/26/2019
First Used:
Notes:
Traditional
Data Memory
Linear Data
Memory
0x0000
0x0000
0x1FFF
0x2000
0x2FEF
0x2FF0
Reserved
0x7FFF
0x8000
Program Flash
Memory
0xFFFF
PC value = 0x0000
PC value = 0x7FFF
FSR
Address
Range
9.6.1
Traditional/Banked Data Memory
The traditional or banked data memory is a region from FSR address 0x0000 to FSR address 0x1FFF. The
addresses correspond to the absolute addresses of all SFR, GPR and common registers.
PIC16F15213/14/23/24/43/44
Memory Organization
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com