Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 37 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 37 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 33Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 34Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 35Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 36Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 37Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 38Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 39Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 40Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 439 page
background image
Table 9-3. Device Information Area
Address Range
Name of Region
Standard Device Information
8100h - 8108h
MUI0
Microchip Unique Identifier (9 Words)
MUI1
MUI2
MUI3
MUI4
MUI5
MUI6
MUI7
MUI8
8109h
MUI9
Reserved (1 Word)
810Ah - 8111h
EUI0
Optional External Unique Identifier (8 Words)
EUI1
EUI2
EUI3
EUI4
EUI5
EUI6
EUI7
8112h - 8117h
Reserved
Reserved (6 Words)
8118h
FVRA1X
ADC FVR1 output voltage for 1x setting (in mV)
8119h
FVRA2X
ADC FVR1 output voltage for 2x setting (in mV)
811Ah
FVRA4X
ADC FVR1 output voltage for 4x setting (in mV)
811Bh - 811Fh
Reserved
Reserved (5 Words)
9.1.3.1
Microchip Unique Identifier (MUI)
The PIC16F152 devices are individually encoded during final manufacturing with a Microchip Unique Identifier (MUI).
The MUI cannot be erased by a Bulk Erase command or any other user-accessible means. This feature allows for
manufacturing traceability of Microchip Technology devices in applications where this is required. It may also be used
by the application manufacturer for a number of functions that require unverified unique identification, such as:
• Tracking the device
• Unique serial number
The MUI consists of nine program words. When taken together, these fields form a unique identifier. The MUI is
stored in read-only locations, located between 8100h to 8108h in the DIA space. The DIA Table lists the addresses of
the identifier words.
Important:  For applications requiring verified unique identification, contact the Microchip Technology
sales office to create a serialized quick turn programming option.
PIC16F15213/14/23/24/43/44
Memory Organization
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com