Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 46 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 46 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 42Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 43Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 44Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 45Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 46Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 47Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 48Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 49Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 439 page
background image
Figure 9-13. Memory Map Bank 62
1F3Bh
SLRCONA
1F3Ch
INLVLA
1F3Dh
IOCAP
1F0Ch
1F3Eh
IOCAN
1F3Fh
IOCAF
1F0Fh
1F40h
1F10h
RA0PPS
1F11h
RA1PPS
1F42h
1F12h
RA2PPS
1F43h
ANSELB
(1)
1F13h
RA3PPS
1F44h
WPUB
(1)
1F14h
RA4PPS
1F45h
ODCONB
(1)
1F15h
RA5PPS
1F46h
SLRCONB
(1)
1F16h
1F47h
INLVLB
(1)
1F48h
IOCBP
(1)
1F1Bh
1F49h
IOCBN
(1)
1F1Ch
RB4PPS
(1)
1F4Ah
IOCBF
(1)
1F1Dh
RB5PPS
(1)
1F4Bh
1F1Eh
RB6PPS
(1)
1F1Fh
RB7PPS
(1)
1F4Dh
1F20h
RC0PPS
(2)
1F4Eh
ANSELC
(2)
1F21h
RC1PPS
(2)
1F4Fh
WPUC
(2)
1F22h
RC2PPS
(2)
1F50h
ODCONC
(2)
1F23h
RC3PPS
(2)
1F51h
SLRCONC
(2)
1F24h
RC4PPS
(2)
1F52h
INLVLC
(2)
1F25h
RC5PPS
(2)
1F53h
IOCCP
(2)
1F26h
RC6PPS
(1)
1F54h
IOCCN
(2)
1F27h
RC7PPS
(1)
1F55h
IOCCF
(2)
1F28h
1F56h
1F37h
1F6Fh
1F38h
ANSELA
1F70h
1F39h
WPUA
1F3Ah
ODCONA
1F7Fh
Note:
BANK 62
1F00h  
1F0Bh
Core registers
Unimplemented 
Read as '0'
Unimplemented 
Read as '0'
Unimplemented 
Read as '0'
1. 20-pin devices only
Legend:
                  Unimplemented data memory locations, read as '0'
Unimplemented 
Read as '0'
Unimplemented 
Read as '0'
Unimplemented 
Read as '0'
Common RAM
(Accesses
70h‐7Fh)
2. 14/20-pin devices only
PIC16F15213/14/23/24/43/44
Memory Organization
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com