Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 92 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 92 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 88Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 89Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 90Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 91Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 92Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 93Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 94Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 95Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 439 page
background image
12.9.1
INTCON
Name: 
INTCON
Offset: 
0x000B
Interrupt Control Register
Bit
7
6
5
4
3
2
1
0
GIE
PEIE
INTEDG
Access
R/W
R/W
R/W
Reset
0
0
1
Bit 7 – GIE Global Interrupt Enable
Value
Description
1
Enables all active interrupts
0
Disables all interrupts
Bit 6 – PEIE Peripheral Interrupt Enable
Value
Description
1
Enables all active peripheral interrupts
0
Disables all peripheral interrupts
Bit 0 – INTEDG External Interrupt Edge Select
Value
Description
1
Interrupt on rising edge of INT pin
0
Interrupt on falling edge of INT pin
Note:  Interrupt flag bits are set when an interrupt condition occurs, regardless of the state of its corresponding
enable bit or the Global Interrupt Enable (GIE) bit. User software needs to ensure the appropriate interrupt flag bits
are clear prior to enabling an interrupt. This feature allows for software polling.
PIC16F15213/14/23/24/43/44
Interrupts
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com