Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 31 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 31 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 27Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 28Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 29Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 30Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 31Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 32Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 33Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 34Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 439 page
background image
8.7.2
Revision ID
Name: 
REVISIONID
Offset: 
0x8005
Revision ID Register
Bit
15
14
13
12
11
10
9
8
Reserved
Reserved
MJRREV[5:2]
Access
R
R
R
R
R
R
Reset
1
0
q
q
q
q
Bit
7
6
5
4
3
2
1
0
MJRREV[1:0]
MNRREV[5:0]
Access
R
R
R
R
R
R
R
R
Reset
q
q
q
q
q
q
q
q
Bit 13 – Reserved  Reserved - Read as ‘1’
Bit 12 – Reserved  Reserved - Read as ‘0’
Bits 11:6 – MJRREV[5:0] Major Revision ID
These bits are used to identify a major revision (A0, B0, C0, etc.).
Bits 5:0 – MNRREV[5:0] Minor Revision ID
These bits are used to identify a minor revision.
PIC16F15213/14/23/24/43/44
Device Configuration
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com