Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 257 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 257 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 253Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 254Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 255Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 256Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 257Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 258Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 259Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 260Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 261Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 439 page
background image
Important: 
1.
When the SPI is in Client mode with SS pin control enabled (SSPM = 0100), the SPI module will
reset if the SS pin is set to VDD.
2.
When the SPI is used in Client mode with CKE set, the user must enable SS pin control (see Figure
25-8). If CKE is clear, SS pin control is optional (see Figure 25-7).
3.
While operated in SPI Client mode, the SMP bit must remain clear.
Figure 25-6. Client Select Synchronous Waveform
SCK
(CKP = 1
SCK
(CKP = 0
Input
Sample
SDI
bit 7
SDO
bit 7
bit 6
bit 7
SSPxIF
Interrupt
CKE = 0)
CKE = 0)
Write to
SSPxBUF
SSPSR to
SSPxBUF
SS
Flag
bit 0
bit 7
bit 0
bit 6
SSPxBUF to
SSPSR
Shift register SSPSR
and bit count are reset
Rev. 30-000016A
4/10/2017
PIC16F15213/14/23/24/43/44
MSSP - Host Synchronous Serial Port Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 257



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com