Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 262 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 262 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 258Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 259Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 260Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 261Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 262Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 263Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 264Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 265Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 266Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 439 page
background image
line is held high. Address and data bytes are sent out, MSb first. This is followed by a single Read/Write Information
(R/W) bit, which determines whether the host intends to transmit to or receive data from the client device. The R/W
bit is sent out as a logical one when the host intends to read data from the client, and is sent out as a logical zero
when it intends to write data to the client.
If the requested client exists on the bus, it will respond with an Acknowledge sequence, otherwise known as an ACK.
The Acknowledge sequence is an active-low signal, which holds the SDA line low to indicate to the transmitter that
the client device has received the transmitted data and is ready to receive more. The host then continues to either
transmit to or receive data from the client.
The transition of a data bit is always performed while the SCL line is held low. Transitions that occur while the SCL
line is held high are used to indicate Start and Stop conditions.
If the host intends to write to the client, then it repeatedly sends out a byte of data, with the client responding after
each byte with an ACK sequence. In this example, the host device is in Host Transmit mode and the client is in Client
Receive mode.
If the host intends to read from the client, then it repeatedly receives a byte of data from the client, and responds after
each byte with an ACK sequence. In this example, the host device is in Host Receive mode and the client is in Client
Transmit mode.
On the last byte of data communicated, the host device may end the transmission by sending a Stop condition. If the
host device is in Receive mode, it sends the Stop condition in place of the last ACK sequence. A Stop condition is
indicated by a low-to-high transition of the SDA line while the SCL line is held high.
In some cases, the host may want to maintain control of the bus and re-initiate another transmission. If so, the host
device may send a Restart condition in place of the Stop condition or last ACK sequence when it is in Receive mode.
The I2C bus specifies three message protocols:
• Single message where a host writes data to a client.
• Single message where a host reads data from a client.
• Combined message where a host initiates a minimum of two writes, or two reads, or a combination of writes and
reads, to one or more clients.
25.2.1
I2C Mode Registers
The MSSP module has eight registers for I2C operation.
These are:
• MSSP Status Register (SSPxSTAT)
• MSSP Control 1 Register (SSPxCON1)
• MSSP Control 2 Register (SSPxCON2)
• MSSP Control 3 Register (SSPxCON3)
• Serial Receive/Transmit Buffer Register (SSPxBUF)
• MSSP Address Register (SSPxADD)
• I2C Client Address Mask Register (SSPxMSK)
• MSSP Shift (SSPSR) register – not directly accessible
SSPxCON1, SSPxCON2, SSPxCON3 and SSPxSTAT are the Control and Status registers in I2C mode operation.
The SSPxCON1, SSPxCON2 and SSPxCON3 registers are readable and writable. The lower six bits of the
SSPxSTAT are read-only. The upper two bits of the SSPxSTAT are read/write. SSPxMSK holds the client address
mask value used in address comparison. SSPxADD contains the client device address when the MSSP is configured
in I2C Client mode. When the MSSP is configured in Host mode, SSPxADD acts as the Baud Rate Generator reload
value.
SSPSR is the shift register used for shifting data in or out. SSPxBUF is the buffer register to which data bytes are
written to or read from. In receive operations, SSPSR and SSPxBUF together, create a double-buffered receiver.
When SSPSR receives a complete byte, it is transferred to SSPxBUF and the SSPxIF interrupt is set. During
transmission, the SSPxBUF is not double-buffered. A write to SSPxBUF will write to both SSPxBUF and SSPSR.
PIC16F15213/14/23/24/43/44
MSSP - Host Synchronous Serial Port Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 262



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com