Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 387 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 387 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 383Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 384Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 385Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 386Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 387Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 388Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 389Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 390Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 391Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 439 page
background image
...........continued
Standard Operating Conditions (unless otherwise stated)
Param. No. Sym.
Characteristic
Min.
Max.
Units
Conditions
SP101*
TLOW
Clock low
time
100 kHz
mode
4.7
—
μs
Device must
operate at a
minimum of 1.5
MHz
400 kHz
mode
1.3
—
μs
Device must
operate at a
minimum of 10
MHz
SSP module
1.5TCY
—
SP102*
TR
SDA and
SCL rise
time
100 kHz
mode
—
1000
ns
400 kHz
mode
20 + 0.1CB
300
ns
CB is specified to
be from 10-400 pF
SP103*
TF
SDA and
SCL fall time
100 kHz
mode
—
250
ns
400 kHz
mode
20 + 0.1CB
250
ns
CB is specified to
be from 10-400 pF
SP106*
THD:DAT
Data input
hold time
100 kHz
mode
0
—
ns
400 kHz
mode
0
0.9
μs
SP107*
TSU:DAT
Data input
setup time
100 kHz
mode
250
—
ns
Note 2
400 kHz
mode
100
—
ns
SP109*
TAA
Output valid
from clock
100 kHz
mode
—
3500
ns
Note 1
400 kHz
mode
—
—
ns
SP110*
TBUF
Bus free time 100 kHz
mode
4.7
—
μs
Time the bus must
be free before a
new transmission
can start
400 kHz
mode
1.3
—
μs
SP111
CB
Bus capacitive loading
—
400
pF
* - These parameters are characterized but not tested.
Notes: 
1.
As a transmitter, the device must provide this internal minimum delay time to bridge the undefined region
(min. 300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions.
2.
A Fast mode (400 kHz) I2C bus device can be used in a Standard mode (100 kHz) I2C bus system, but the
requirement TSU:DAT ≥ 250 ns must then be met. This will automatically be the case if the device does not
stretch the low period of the SCL signal. If such a device does stretch the low period of the SCL signal, it
must output the next data bit to the SDA line TR max. + TSU:DAT = 1000 + 250 = 1250 ns (according to the
Standard mode I2C bus specification), before the SCL line is released.
PIC16F15213/14/23/24/43/44
Electrical Specifications
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 387



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com