Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 150 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 150 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 146Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 147Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 148Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 149Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 150Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 151Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 152Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 153Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 154Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 439 page
background image
Example 18-3. PPS Unlock Sequence (assembly language)
; suspend interrupts
BCF
INTCON0,GIE
BANKSEL
PPSLOCK
; required sequence, next 5 instructions
MOVLW
0x55
MOVWF
PPSLOCK
MOVLW
0xAA
MOVWF
PPSLOCK
; Clear PPSLOCKED bit
BCF
PPSLOCK,PPSLOCKED
; restore interrupts
BSF
INTCON0,GIE
Example 18-4. PPS Unlock Sequence (C language)
INTCON0bits.GIE = 0;
//Suspend interrupts
PPSLOCK = 0x55;
//Required sequence
PPSLOCK = 0xAA;
//Required sequence
PPSLOCKbits.PPSLOCKED = 0;
//Clear PPSLOCKED bit
INTCON0bits.GIE = 1;
//Restore interrupts
18.5.1
PPS One-Way Lock
The PPS1WAY Configuration bit can also be used to prevent inadvertent modification to the PPS selection registers.
When the PPS1WAY bit is set (PPS1WAY = 1), the PPSLOCKED bit can only be set one time after a device Reset.
Once the PPSLOCKED bit has been set, it cannot be cleared again unless a device Reset is executed.
When the PPS1WAY bit is clear (PPS1WAY = 0), the PPSLOCKED bit can be set or cleared as needed; however, the
PPS lock/unlock sequences must be executed.
18.6
Operation During Sleep
PPS input and output selections are unaffected by Sleep.
18.7
Effects of a Reset
A device Power-on Reset (POR) or Brown-out Reset (BOR) returns all PPS input selection registers to their default
values and clears all PPS output selection registers. All other Resets leave the selections unchanged. Default input
selections are shown in the PPS input register details table. The PPSLOCKED bit is cleared in all Reset conditions.
18.8
Register Definitions: Peripheral Pin Select (PPS)
PIC16F15213/14/23/24/43/44
PPS - Peripheral Pin Select Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com