Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 166 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 166 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 162Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 163Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 164Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 165Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 166Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 167Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 168Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 169Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 170Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 439 page
background image
20.3
Timer1 Prescaler
Timer1 has four prescaler options allowing 1, 2, 4 or 8 divisions of the clock input. The CKPS bits control the prescale
counter. The prescale counter is not directly readable or writable; however, the prescaler counter is cleared upon a
write to TMRx.
20.4
Timer1 Operation in Asynchronous Counter Mode
When the SYNC Control bit is set, the external clock input is not synchronized. The timer increments asynchronously
to the internal phase clocks. If the external clock source is selected, then the timer will continue to run during
Sleep and can generate an interrupt on overflow, which will wake up the processor. However, special precautions in
software are needed to read/write the timer.
Important:  When switching from synchronous to asynchronous operation, it is possible to skip an
increment. When switching from asynchronous to synchronous operation, it is possible to produce an
additional increment.
20.4.1
Reading and Writing TMRx in Asynchronous Counter Mode
Reading TMRxH or TMRxL while the timer is running from an external asynchronous clock will ensure a valid read
(taken care of in hardware). However, the user must keep in mind that reading the 16-bit timer in two 8-bit values
itself poses certain problems, since there may be a carry-out of TMRxL to TMRxH between the reads.
For writes, it is recommended that the user simply stop the timer and write the desired values. A write contention may
occur by writing to the timer registers, while the register is incrementing. This may produce an unpredictable value in
the TMRxH:TMRxL register pair.
20.5
Timer1 16-Bit Read/Write Mode
Timer1 can be configured to read and write all 16 bits of data to and from the 8-bit TMRxL and TMRxH registers,
simultaneously. The 16-bit read and write operations are enabled by setting the RD16 bit. To accomplish this function,
the TMRxH register value is mapped to a buffer register called the TMRxH buffer register. While in 16-bit mode, the
TMRxH register is not directly readable or writable and all read and write operations take place through the use of
this TMRxH buffer register.
When a read from the TMRxL register is requested, the value of the TMRxH register is simultaneously loaded into the
TMRxH buffer register. When a read from the TMRxH register is requested, the value is provided from the TMRxH
buffer register instead. This provides the user with the ability to accurately read all 16 bits of the Timer1 value from a
single instance in time (refer to Figure 20-3 for more details). In contrast, when not in 16-bit mode, the user must read
each register separately and determine if the values have become invalid due to a rollover that may have occurred
between the read operations.
When a write request of the TMRxL register is requested, the TMRxH buffer register is simultaneously updated with
the contents of the TMRxH register. The value of TMRxH must be preloaded into the TMRxH buffer register prior to
the write request for the TMRxL register. This provides the user with the ability to write all 16 bits to the TMRx register
at the same time. Any requests to write to TMRxH directly does not clear the Timer1 prescaler value. The prescaler
value is only cleared through write requests to the TMRxL register.
PIC16F15213/14/23/24/43/44
TMR1 - Timer1 Module with Gate Control
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com