Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC805P18GRS/D Datasheet(PDF) 38 Page - NXP Semiconductors

Part # HC805P18GRS/D
Description  The Motorola MC68HC805P18 microcontroller is a member of the M68HC05
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC805P18GRS/D Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button HC805P18GRS/D Datasheet HTML 34Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 35Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 36Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 37Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 38Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 39Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 40Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 41Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 111 page
background image
GENERAL RELEASE SPECIFICATION
OPERATING MODES
MC68HC805P18
6-2
8
2
3
4
5
6
7
8
9
10
11
12
13
14
A
16
17
18
19
20
6.2.2 Bootloader Mode
Bootloader mode is entered upon the rising edge of RESET if the IRQ pin is twice
the VDD voltage and the TCAP/PD7 pin is at logic one. In bootloader mode, the
user EEPROM and mask option register (MOR) bytes can be erased and
programmed. Figure 6-1 shows the bootloader circuit. PTC4 determines whether
erasing or programming will occur as shown in Table 6-2.
Bulk Erase/Blank Verify
To use the bootloader circuit to bulk erase the user EEPROM, follow this
sequence:
1.
Close RESET switch and PTC4 switch so these pins are held low.
2.
Apply 12 V power to IRQ.
3.
Release RESET.
4.
Programming LED will turn on while bulk erase is occurring.
5.
When bulk erase is finished, programming LED will turn off.
6.
When blank verify is finished, verify LED will turn on.
7.
Close RESET switch.
8.
Remove 12 V from IRQ, then remove power.
Table 6-2. Bootloader Functions
PTC4
Function
0
Bulk Erase/Blank Verify
1
Bulk Erase/Program/Verify
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com