Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC805P18GRS/D Datasheet(PDF) 45 Page - NXP Semiconductors

Part # HC805P18GRS/D
Description  The Motorola MC68HC805P18 microcontroller is a member of the M68HC05
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC805P18GRS/D Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button HC805P18GRS/D Datasheet HTML 41Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 42Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 43Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 44Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 45Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 46Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 47Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 48Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 111 page
background image
GENERAL RELEASE SPECIFICATION
INPUT/OUTPUT PORTS
Rev. 1.0
8
2
3
4
5
6
7
8
9
10
11
12
13
14
A
16
17
18
19
20
SECTION 7
INPUT/OUTPUT PORTS
7.1 Introduction
In user mode, 20 bidirectional input/output (I/O) lines are arranged as two 8-bit I/O
ports (ports A and C), one 3-bit I/O port (port B), and one 1-bit I/O port (port D).
These ports are programmable as either inputs or outputs under software control
of the data direction registers (DDRs). An input-only pin is associated with port D.
7.2 Port A
Port A is an 8-bit bidirectional port which can share its pins with the IRQ interrupt
system as shown in Figure 7-1. Each port A pin is controlled by the corresponding
bits in a data direction register and a data register. The port A data register is
located at address $0000. The port A data direction register (DDRA) is located at
address $0004. Reset clears the DDRA, thereby initializing port A as an input port.
The port A data register is unaffected by reset.
Figure 7-1. Port A I/O Circuitry
READ $0000
WRITE $0000
READ $0004
DATA
REGISTER BIT
TO IRQ INTERRUPT
SYSTEM
I/O
PIN
OUTPUT
INTERNAL HC05
DATA BUS
RESET
(RST)
WRITE $0004
DATA DIRECTION
REGISTER BIT
MOR 2
100
µA
PULLUP
VDD
(PULLUP INHIBIT)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com