Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC805P18GRS/D Datasheet(PDF) 83 Page - NXP Semiconductors

Part # HC805P18GRS/D
Description  The Motorola MC68HC805P18 microcontroller is a member of the M68HC05
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC805P18GRS/D Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button HC805P18GRS/D Datasheet HTML 79Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 80Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 81Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 82Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 83Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 84Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 85Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 86Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 111 page
background image
GENERAL RELEASE SPECIFICATION
INSTRUCTION SET
Rev. 1.0
12.2.7 Indexed, 16-Bit Offset
Indexed, 16-bit offset instructions are 3-byte instructions that can access data with
variable addresses at any location in memory. The CPU adds the unsigned byte in
the index register to the two unsigned bytes following the opcode. The sum is the
conditional address of the operand. The first byte after the opcode is the high byte
of the 16-bit offset; the second byte is the low byte of the offset. These instructions
can address any location in memory.
Indexed, 16-bit offset instructions are useful for selecting the kth element in an
n-element table anywhere in memory.
As with direct and extended addressing, the Motorola assembler determines the
shortest form of indexed addressing.
12.2.8 Relative
Relative addressing is only for branch instructions. If the branch condition is true,
the CPU finds the conditional branch destination by adding the signed byte
following the opcode to the contents of the program counter. If the branch condition
is not true, the CPU goes to the next instruction. The offset is a signed, two’s
complement byte that gives a branching range of –128 to +127 bytes from the
address of the next location after the branch instruction.
When using the Motorola assembler, the programmer does not need to calculate
the offset because the assembler determines the proper offset and verifies that it
is within the span of the branch.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com