Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC805P18GRS/D Datasheet(PDF) 52 Page - NXP Semiconductors

Part # HC805P18GRS/D
Description  The Motorola MC68HC805P18 microcontroller is a member of the M68HC05
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC805P18GRS/D Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button HC805P18GRS/D Datasheet HTML 48Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 49Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 50Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 51Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 52Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 53Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 54Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 55Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 111 page
background image
GENERAL RELEASE SPECIFICATION
EEPROM
MC68HC805P18
8-2
8
2
3
4
5
6
7
8
9
10
11
12
13
14
A
16
17
18
19
20
In byte erase mode, only the selected byte is erased. In block mode, a 32-byte
block of EEPROM is erased. The EEPROM memory space is divided into four
32-byte blocks ($140–$15F, $160–$17F, $180–$19F, $1A0–$1BF), and doing
a block erase to any address within a block will erase the entire block. In bulk
erase mode, the entire 128-byte EEPROM section is erased.
LATCH — Latch Bit
When set, LATCH configures the EEPROM address and data bus for
programming. Writes to the EEPROM array cause the data bus and the address
bus to be latched. This bit is readable and writable, but reads from the array are
inhibited if the LATCH bit is set and a write to the EEPROM space has taken
place.
When clear, address and data buses are configured for normal operation. Reset
clears this bit.
EERC — EEPROM RC Oscillator Control
When this bit is set, the EEPROM section uses the internal RC oscillator instead
of the CPU clock. The RC oscillator is shared with the A/D converter, so this bit
should be set by the user when the internal bus frequency is below 1.5 MHz to
guarantee reliable operation of the EEPROM or A/D converter. After setting the
EERC bit, delay a time, tRCON, to allow the RC oscillator to stabilize. This bit is
readable and writable. The EERC bit is cleared by reset. The RC oscillator is
disabled while the MCU is in stop mode.
EEPGM — EEPROM Programming Power Enable
EEPGM must be written to enable (or disable) the EEPGM function. When set,
EEPGM turns on the charge pump and enables the programming (or erasing)
power to the EEPROM array. When clear, this power is switched off. This will
enable pulsing of the programming voltage to be controlled internally. This bit
can be read at any time, but can only be written to if LATCH = 1. If LATCH is not
set, then EEPGM cannot be set. LATCH and EEPGM cannot both be set with
one write if LATCH is cleared. EEPGM is cleared automatically when LATCH is
cleared. Reset clears this bit.
Table 8-1. Erase Mode Select
ER1
ER0
Mode
0
0
Program (no Erase)
0
1
Byte Erase
1
0
Block Erase
1
1
Bulk Erase
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com