Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC805P18GRS/D Datasheet(PDF) 41 Page - NXP Semiconductors

Part # HC805P18GRS/D
Description  The Motorola MC68HC805P18 microcontroller is a member of the M68HC05
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC805P18GRS/D Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button HC805P18GRS/D Datasheet HTML 37Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 38Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 39Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 40Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 41Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 42Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 43Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 44Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 111 page
background image
GENERAL RELEASE SPECIFICATION
OPERATING MODES
Rev. 1.0
8
2
3
4
5
6
7
8
9
10
11
12
13
14
A
16
17
18
19
20
6.3 Low-Power Modes
The MC68HC805P18 is capable of running in a low-power mode in each of its
configurations. The WAIT and STOP instructions provide modes that reduce the
power required for the MCU by stopping various internal clocks and/or the on-chip
oscillator. The STOP and WAIT instructions are not normally used if the COP
watchdog timer is enabled (MOR1, bit 0). The stop conversion to halt option
(MOR1, bit 5) is used to modify the behavior of the STOP instruction from stop
mode to halt mode. The flow of the stop, halt, and wait modes is shown in
Figure 6-2.
6.4 STOP Instruction
The STOP instruction can result in one of two modes of operation depending on
the option programmed in the mask option register 1. If the stop conversion to halt
option (MOR1,bit 5) is not chosen, the STOP instruction will behave like a normal
STOP instruction in the M68HC805 Family and place the MCU in the stop mode.
If the stop conversion to halt option is chosen, the STOP instruction will behave like
a WAIT instruction (with the exception of a brief delay at startup) and place the
MCU in the halt mode.
6.4.1 Stop Mode
Execution of the STOP instruction (without conversion to halt) places the MCU in
its lowest-power consumption mode. In the stop mode, the internal oscillator is
turned off stopping all internal processing including the COP watchdog timer. The
RC oscillator that feeds the EEPROM and the A/D converter is also stopped.
Execution of the STOP instruction automatically clears the I bit in the condition
code register so that the IRQ external interrupt is enabled. All other registers and
memory remain unaltered. All input/output lines remain unchanged.
The MCU can be brought out of the stop mode only by an IRQ external interrupt
(or port A, if selected as an option in the MOR2) or an externally generated reset.
When exiting the stop mode, the internal oscillator will resume after a 4064 PH2
clock cycle oscillator stabilization delay.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com