Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32U5A5QJ Datasheet(PDF) 310 Page - STMicroelectronics

Part # STM32U5A5QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
PDF  382 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U5A5QJ Datasheet(HTML) 310 Page - STMicroelectronics

Back Button STM32U5A5QJ Datasheet HTML 306Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 307Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 308Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 309Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 310Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 311Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 312Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 313Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 314Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 382 page
background image
Electrical characteristics
STM32U5Axxx
310/382
DS13543 Rev 1
Figure 53. MIPI D-PHY HS/LP clock lane transition
Figure 54. MIPI D-PHY HS/LP data lane transition
MS38282V1
Clock
Lane
Data
Lane
TLPX THS-PREPARE
TCLK-PRE
TCLK-ZERO
TCLK-PREPARE
TLPX
THS-EXIT
TCLK-TRAIL
TCLK-POST
VIL
VIL
TEOT
MS38283V1
Clock
Lane
THS-PREPARE
TLPX
THS-TRAIL
THS-EXIT
LP-01
LP-00
LP-11
Data
Lane
VIL
TREOT
TEOT
THS-ZERO
Table 119. DSI-PLL characteristics(1)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
fPLL_IN
PLL input clock
-
4
-
48
MHz
fPLL_INFIN PFD input clock
-
2
-
48
fPLL_OUT PLL multiplier output clock
-
0.976
-
1000
fVCO_OUT PLL VCO output
-
500
-
1000
tLOCK
PLL lock time
-
-
-
400
µs
IDD_PLL
PLL power consumption on VDD11DSI,
for PFD input clock = 2 MHz
fVCO_OUT = 500 MHz
-
0.25
0.27
mA
fVCO_OUT = 600 MHz
-
0.29
0.31
fVCO_OUT = 1000 MHz
-
0.51
0.53
IDD_PLL
PLL power consumption on VDD11DSI,
for PFD input clock = 48 MHz
fVCO_OUT = 500 MHz
-
0.7
0.95
mA
fVCO_OUT = 600 MHz
-
0.76
1.01
fVCO_OUT = 1000 MHz
-
1
1.22
1. Evaluated by characterization. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com