Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32U5A5QJ Datasheet(PDF) 306 Page - STMicroelectronics

Part # STM32U5A5QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
PDF  382 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U5A5QJ Datasheet(HTML) 306 Page - STMicroelectronics

Back Button STM32U5A5QJ Datasheet HTML 302Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 303Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 304Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 305Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 306Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 307Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 308Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 309Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 310Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 382 page
background image
Electrical characteristics
STM32U5Axxx
306/382
DS13543 Rev 1
5.3.31
LCD-TFT controller (LTDC) characteristics
Unless otherwise specified, the parameters given in the table below are derived from tests
performed under the ambient temperature, fHCLK frequency and VDD supply voltage
summarized in Table 33, with the following configuration:
•
LCD_CLK polarity: high
•
LCD_DE polarity: low
•
LCD_VSYNC and LCD_HSYNC polarity: high
•
Pixel formats: 24 bits
•
Output speed set to OSPEEDRy[1:0] = 10
•
Capacitive load CL = 30 pF
•
Measurement points done at 0.5 × VDD level
•
I/O compensation cell activated
•
HSLV activated when VDD ≤ 2.7 V
•
Voltage scaling range 1
Table 116. LTDC characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
fCLK
LTDC clock output
frequency
2.7 V ≤ VDD ≤ 3.6 V, CL = 20 pF
-
116
MHz
2.7 V ≤ VDD ≤ 3.6 V
100
1.71 V ≤ VDD ≤ 3.6 V
66.5
DCLK
LTDC clock output duty cycle
45
55
%
tW(CLKH)
tW(CLKL)
Clock High time, low time
tW(CLK)/2 - 0.5
tW(CLK)/2 + 0.5
ns
tV(DATA)
Data output valid
time
2.7 V ≤ VDD ≤ 3.6 V
-
2.5
1.71 V ≤ VDD ≤ 3.6 V
7.5
tH(DATA)
Data output hold time
0.5
-
tV(HSYNC)
tV(VSYNC)
tV(DE)
HSYNC/VSYNC/DE output valid time
-
3
tH(HSYNC)
tH(VSYNC)
tH(DE)
HSYNC/VSYNC/DE output hold time
1.5
-
1. Evaluated by characterization. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com