Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32U5A5QJ Datasheet(PDF) 378 Page - STMicroelectronics

Part # STM32U5A5QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
PDF  382 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U5A5QJ Datasheet(HTML) 378 Page - STMicroelectronics

Back Button STM32U5A5QJ Datasheet HTML 374Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 375Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 376Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 377Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 378Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 379Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 380Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 381Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 382Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 378 / 382 page
background image
Package information
STM32U5Axxx
378/382
DS13543 Rev 1
PI/O max represents the maximum power dissipation on output pins:
PI/O max = ∑(VOL * IOL) + ∑((VDDIOx - VOH) * IOH)
taking into account the actual VOL/IOL and VOH/IOH of the I/Os at low and high level in the
application.
6.9.1
Reference documents
•
JESD51-2 Integrated Circuits Thermal Test Method Environment Conditions - Natural
Convection (Still Air) available on www.jedec.org.
•
For information on thermal management, refer to application note “Thermal
management guidelines for STM32 32-bit Arm Cortex MCUs applications” (AN5036)
available on www.st.com.
Table 169. Package thermal characteristics
Symbol
Parameter
Package
Value
Unit
ΘJA
Thermal resistance junction-ambient
LQFP64 (10 x10 mm)
36.0
°C/W
LQFP100 (14 x 14 mm)
32.2
UFBGA132 (7 x 7 mm)
30.9
LQFP144 (20 x 20 mm)
34.1
WLCSP150 (5.38 x 5.47 mm)
31.7
TFBGA169 (7 x 7 mm)
32.2
WLCSP208 (5.38 x 5.47 mm)
35.4
TFBGA216 (13 x 13 mm)
26.5
ΘJB
Thermal resistance junction-board
LQFP64 (10 x10 mm)
18.3
LQFP100 (14 x14 mm)
18.0
UFBGA132 (7 x 7 mm)
15.9
LQFP144 (20 x 20 mm)
22.9
WLCSP150 (5.38 x 5.47 mm)
13.5
TFBGA169 (7 x 7 mm)
17.7
WLCSP208 (5.38 x 5.47 mm)
12.5
TFBGA216 (13 x 13 mm)
16.0
ΘJC
Thermal resistance junction-case
LQFP64 (10 x 10 mm)
6.8
LQFP100 (14 x 14 mm)
5.9
UFBGA132 (7 x 7 mm)
6.0
LQFP144 (20 x 20 mm)
6.0
WLCSP150 (5.38 x 5.47 mm)
0.9
TFBGA169 (7 x 7 mm)
9.0
WLCSP208 (5.38 x 5.47 mm)
1.0
TFBGA216 (13 x 13 mm)
7.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com