Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32U5A5QJ Datasheet(PDF) 379 Page - STMicroelectronics

Part # STM32U5A5QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
PDF  382 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U5A5QJ Datasheet(HTML) 379 Page - STMicroelectronics

Back Button STM32U5A5QJ Datasheet HTML 374Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 375Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 376Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 377Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 378Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 379Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 380Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 381Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 382Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 379 / 382 page
background image
DS13543 Rev 1
379/382
STM32U5Axxx
Ordering information
379
7
Ordering information
For a list of available options (such as speed or package) or for further information on any
aspect of this device, contact the nearest ST sales office.
Example:
STM32
U
5A9
B
J Y
6 Q TR
Device family
STM32 = Arm® based 32-bit microcontroller
Product type
U = ultra-low-power
Device subfamily
5A9 = STM32U5A9xx with GFX accelerators and interfaces, OTG_HS,
and hardware encryption accelerators
5A5 = STM32U5A5xx with OTG_HS and hardware encryption accelerators
Pin/ball count
R = 64 pins
V = 100 pins
Q = 132 balls
Z = 144 pins or 150 balls
A = 169 balls
B = 208 balls
N= 216 balls
Flash memory size
J = 4 Mbytes
Package
T = LQFP
H = TFBGA
I = UFBGA
Y = WLCSP
Temperature range
6 = Industrial temperature range, –40 to 85 °C (105 °C junction)
3 = Industrial temperature range, -40 to 125°C (130°C junction)
Dedicated pinout
Q = Dedicated pinout supporting internal SMPS step-down converter
Packing
TR = tape and reel
xxx = programmed parts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com