Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3920B Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST25R3920B
Description  Automotive NFC reader for CCC digital key and car center console
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3920B Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST25R3920B Datasheet HTML 45Page - STMicroelectronics ST25R3920B Datasheet HTML 46Page - STMicroelectronics ST25R3920B Datasheet HTML 47Page - STMicroelectronics ST25R3920B Datasheet HTML 48Page - STMicroelectronics ST25R3920B Datasheet HTML 49Page - STMicroelectronics ST25R3920B Datasheet HTML 50Page - STMicroelectronics ST25R3920B Datasheet HTML 51Page - STMicroelectronics ST25R3920B Datasheet HTML 52Page - STMicroelectronics ST25R3920B Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 158 page
background image
DS13890 Rev 4
49/158
ST25R3920B
Application information
157
4.3.2
Communication interface selection
The active communication interface is selected via the I2C_EN pin. If this pin is pulled to
GND, the ST25R3920B operates in SPI mode. If this pin is pulled to VDD_D, the
ST25R3920B operate in I2C mode.
4.3.3
Serial peripheral interface (SPI)
The ST25R3920B hasve a standard serial peripheral interface with clock polarity of 0, a
clock phase of 1, and an active low slave select signal. Communication starts with the MCU
pulling BSS low. The MOSI pin is samples on the falling edge of SCLK, and the state of the
MISO pin is updated on the rising edge of the SCLK signal. Data is transferred byte-wise,
most significant bit first. Read and Write commands support an address auto increment to
reduce communication time. Table 9 provides an overview of the SPI signals.
The MISO output is in tristate as long as no output data is available. Due to this the MOSI
and the MISO can be externally shorted to create a three-wire SPI. During the time the
MISO output is in tristate, it is also possible to switch on a 10 kΩ pull down by activating
option bits miso_pd1 and miso_pd2 in the IO configuration register 2.
Figure 12. Exchange of signals with a microcontroller
Table 9. Serial data interface (4-wire interface) signal lines
Name
Signal
Signal level
Description
I2C_EN
Digital input
CMOS
Pull to GND for SPI operation
BSS
Digital input
Active low - Slave select
MOSI
Digital input
Master out - Slave in (MCU → ST25R3920B)
MISO
Digital output with tristate
Master in - Slave out (ST25R3920B → MCU)
SCLK
Digital input
Serial clock
IRQ
Digital output
Active high - Interrupt output pin
MS69290V1
MOSI
MISO
I/O
MOSI
MISO
MISO
MOSI
Separate SPI input and
output signals to MCU
Bidirectional data
IO signal to MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com