Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3920B Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST25R3920B
Description  Automotive NFC reader for CCC digital key and car center console
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3920B Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST25R3920B Datasheet HTML 26Page - STMicroelectronics ST25R3920B Datasheet HTML 27Page - STMicroelectronics ST25R3920B Datasheet HTML 28Page - STMicroelectronics ST25R3920B Datasheet HTML 29Page - STMicroelectronics ST25R3920B Datasheet HTML 30Page - STMicroelectronics ST25R3920B Datasheet HTML 31Page - STMicroelectronics ST25R3920B Datasheet HTML 32Page - STMicroelectronics ST25R3920B Datasheet HTML 33Page - STMicroelectronics ST25R3920B Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 158 page
background image
Application information
ST25R3920B
30/158
DS13890 Rev 4
Wake-up mode configuration registers have to be configured before Wake-up mode is
actually entered. Any modification of Wake-up mode configuration while it is active may
result in unpredictable behavior.
Auto-averaging
In case of auto-averaging the reference value is recalculated after every measurement. The
last measurement value, the old reference value and the weight are used in this calculation.
The following formula is used to calculate the new reference value:
new_reference = old_reference - (old_reference - measured_value) / weight
The calculation is done on 10 bits to have sufficient precision.
The auto-averaging process is initialized when Wake-up mode is first time entered after
initialization (power-up or using Set default command). The initial value is taken from the
measurement reference register (for example Amplitude measurement reference register) if
the content of this register is not 0. If content of this register is 0, the result of first
measurement is taken as initial value.
Every measurement configuration register contains a bit defining whether the measurement
that causes an interrupt is taken in account for the average value calculation (for example
bit am_aam of Amplitude measurement reference register).
4.2.5
Quartz crystal oscillator
The quartz crystal oscillator operates with 27.12 MHz crystals; its operation is enabled when
the Operation control register bit en is set to 1. An interrupt is sent to inform the
microcontroller when the oscillator amplitude is sufficiently high, meaning the frequency is
stable (see Main interrupt register).
The status of oscillator can be observed by checking the Auxiliary display register bit
osc_ok. This bit is set to 1 when oscillator frequency is stable.
The oscillator is based on an inverter stage supplied by a controlled current source. A
feedback loop is controlling the bias current in order to regulate amplitude on XTI pin to
1VPP. To enable a fast reader start-up an interrupt is sent when oscillator amplitude
exceeds 750 mVPP.
Division by two assures that 13.56 MHz signal has a duty cycle of 50%, which is better for
the transmitter performance (no PW distortion).
The oscillator output is also used to drive a clock signal output pin MCU_CLK, which can be
used by the external microcontroller. The MCU_CLK pin is configured in the IO configuration
register 2.
4.2.6
Timers
The ST25R3920B contain several timers, which eliminate the need to run counters in the
controller, thus reducing the effort of the controller code implementation and improve
portability of code to different controllers.
Every timer has one or more associated configuration registers in which the timeout
duration and different operating modes are defined. These configuration registers have to
be set while the corresponding timer is not running. Any modification of timer configuration
while the timer is active may result in unpredictable behavior.
All timers are stopped by the direct command Stop all activities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com