Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3920B Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST25R3920B
Description  Automotive NFC reader for CCC digital key and car center console
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3920B Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST25R3920B Datasheet HTML 61Page - STMicroelectronics ST25R3920B Datasheet HTML 62Page - STMicroelectronics ST25R3920B Datasheet HTML 63Page - STMicroelectronics ST25R3920B Datasheet HTML 64Page - STMicroelectronics ST25R3920B Datasheet HTML 65Page - STMicroelectronics ST25R3920B Datasheet HTML 66Page - STMicroelectronics ST25R3920B Datasheet HTML 67Page - STMicroelectronics ST25R3920B Datasheet HTML 68Page - STMicroelectronics ST25R3920B Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 158 page
background image
DS13890 Rev 4
65/158
ST25R3920B
Application information
157
The Trigger RC calibration command should be triggered once after device power-on and
set default direct command. The RC calibration should not be triggered during data
transmission or reception.
4.4.16
Test access
The devices do not have dedicated test pins. A direct command Test Access is used to
enable RW access of test registers and entry in different test modes. Pins TAD1 and TAD2
are used as test pins.
Test mode entry and access to test registers
Test registers are not part of the normal register address space. After sending direct
command Test Access, test registers can be accessed using normal Read/Write register
command. Access to test registers is possible in a chained command sequence where
command Test Access is sent first, followed by read/write access to test registers using auto
increment feature. Test register are set to default state at power-up.
Analog test and observation register 1
Address: 01h
Type: RW
Table 14. Analog test and observation register 1
Bit
Name
Default
Function
Comments
7
tana7
0
-
Reserved
6
tana6
1
-
Reserved
5
tana5
0
-
Reserved
4-
0
-
Reserved
5
tana3
0
See Table 15
These test modes are also intended for observation
in normal mode. Other modes of this register are
also available when analog test mode is not set.
4
tana2
0
3
tana1
0
0
tana0
0
Table 15. Test access register - Signal selection of TAD1 and TAD2 pins(1)
tana3:0
(hex)
Pin TAD1
Pin TAD2
Type
Functionality
Type
Functionality
Comment
1A0
Analog output of AM
channel (before digitizer)
D0
Digital output of AM
channel (after digitizer)
Normal operation
(reader)
2A0
Analog output of PM
channel (before digitizer)
D0
Digital output of PM
channel (after digitizer)
3A0
Analog output of AM
channel (before digitizer)
A0
Analog output of PM
channel (before digitizer)
4A0
Analog output of AM
correlation signal
A0
Analog output of PM
correlation signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com