Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3920B Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST25R3920B
Description  Automotive NFC reader for CCC digital key and car center console
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3920B Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST25R3920B Datasheet HTML 14Page - STMicroelectronics ST25R3920B Datasheet HTML 15Page - STMicroelectronics ST25R3920B Datasheet HTML 16Page - STMicroelectronics ST25R3920B Datasheet HTML 17Page - STMicroelectronics ST25R3920B Datasheet HTML 18Page - STMicroelectronics ST25R3920B Datasheet HTML 19Page - STMicroelectronics ST25R3920B Datasheet HTML 20Page - STMicroelectronics ST25R3920B Datasheet HTML 21Page - STMicroelectronics ST25R3920B Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 158 page
background image
Description
ST25R3920B
18/158
DS13890 Rev 4
In Transparent mode the framing and FIFO are bypassed. The digitized subcarrier signal
directly drives the MISO pin.
2.2.13
FIFO
The ST25R3920B contain a 512-byte FIFO. Depending on the direction of the data transfer,
it contains either data which has been received or data which is to be transmitted.
In reader mode the ST25R3920B can transmit frames of up to 8191 bytes length and
receive frames of arbitrary length.
2.2.14
Control logic
The control logic contains I/O registers that define the operation of device.
2.2.15
Host interface
A 4-wire serial peripheral interface (SPI) and a 2-wire I2C interface are available to
communicate with an external microcontroller. The pins for the SPI and the I2C interface are
shared, and pin I2C_EN is used to select the active interface.
2.2.16
Passive target memory
The device contains a 48-byte RAM to store configuration data for the passive target and
card emulation mode.
2.2.17
P2RAM
The P2RAM stores information on wafer number, die position, device subversion, and I2C
address. The P2RAM is programmed during production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com