Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3920B Datasheet(PDF) 75 Page - STMicroelectronics

Part # ST25R3920B
Description  Automotive NFC reader for CCC digital key and car center console
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3920B Datasheet(HTML) 75 Page - STMicroelectronics

Back Button ST25R3920B Datasheet HTML 71Page - STMicroelectronics ST25R3920B Datasheet HTML 72Page - STMicroelectronics ST25R3920B Datasheet HTML 73Page - STMicroelectronics ST25R3920B Datasheet HTML 74Page - STMicroelectronics ST25R3920B Datasheet HTML 75Page - STMicroelectronics ST25R3920B Datasheet HTML 76Page - STMicroelectronics ST25R3920B Datasheet HTML 77Page - STMicroelectronics ST25R3920B Datasheet HTML 78Page - STMicroelectronics ST25R3920B Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 158 page
background image
DS13890 Rev 4
75/158
ST25R3920B
Application information
157
4.5.5
Bit rate definition register
Register space: A
Address: 04h
Type: RW
Table 24. Bit rate definition register
Bit
Name
Default
Function
Comments
7RFU
0
Refer to Table 25
-
6RFU
0
-
5tx_rate1
0
Selects bit rate for Tx.
4tx_rate0
0
3RFU
0
-
2RFU
0
-
1rx_rate1
0
Selects bit rate for Rx.
0rx_rate0
0
Table 25. Bit rate coding(1)
rate3
rate2
rate1
rate0
Bit rate (kbit/s)
Comments
0000
fc/128 (~106)
-
0001
fc/64 (~212)
-
0010
fc/32 (~424)
-
0011
fc/16 (~848)
-
Other combinations
-
Not used
1. If a non supported bit rate is selected the Tx/Rx operation is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com