Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3920B Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST25R3920B
Description  Automotive NFC reader for CCC digital key and car center console
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3920B Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST25R3920B Datasheet HTML 23Page - STMicroelectronics ST25R3920B Datasheet HTML 24Page - STMicroelectronics ST25R3920B Datasheet HTML 25Page - STMicroelectronics ST25R3920B Datasheet HTML 26Page - STMicroelectronics ST25R3920B Datasheet HTML 27Page - STMicroelectronics ST25R3920B Datasheet HTML 28Page - STMicroelectronics ST25R3920B Datasheet HTML 29Page - STMicroelectronics ST25R3920B Datasheet HTML 30Page - STMicroelectronics ST25R3920B Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 158 page
background image
DS13890 Rev 4
27/158
ST25R3920B
Application information
157
Squelch
This feature is designed for operation in noisy environments. The noise may be
misinterpreted as the start of tag response, resulting in decoding errors.
Automatic squelch is enabled by option bit sqm_dyn in the Receiver configuration register 2.
It is activated automatically 18.88 µs after end of TX and is terminated at the moment the
Mask receive timer (MRT) reaches the value defined in the Squelch timer register. This
mode is primarily intended to suppress noise generated by tag processing during the time
when the tag response is not expected (covered by MRT).
Squelch can operate in two modes, namely with ratios 1 and 6, selectable by pulz_61 bit in
the Receiver configuration register 2.
Squelch ratio 1 means that system observes the subcarrier signal from the main digitizer
and decrease the system gain to decrease the frequency of transitions. If there are more
than two transitions on this output in a 50 μs time period, gain is reduced by 3 dB and output
is observed during the following 50 μs. This procedure is repeated until number of
transitions in 50 μs is lower or equal to 2 or until the maximum gain reduction is reached.
This mode is intended for protocols where digitized subcarrier outputs are used.
Squelch ratio 6 means the system similarly observes and decreases the frequency seen at
the window comparator set to 6 times the digitizing window. This mode is intended for
protocols where output from correlators are used (ISO-A, ISO-B correlated reception).
The gain setting acquired by squelch is cleared by sending direct command Reset RX gain.
AGC
The AGC (automatic gain control) reduces the gain to keep the receiver chain and input to
the digitizing stage out of saturation. The demodulation process is also less influenced by
system noise when the gain is properly adjusted.
The AGC logic starts operating when the signal rx_on is asserted to high and is reset when
it is reset to low. The state of the receiver gain is stored in the Gain reduction state register
during a high to low transition of bit rx_on. Reading this register later on gives information of
the gain setting used during the last reception.
The AGC system comprises a window comparator and an AGC ratio that can be set to 3 or
to 6. As an example, when the AGC ratio is set to 6 the window is six times larger than the
data digitalization window comparator. When the AGC function is enabled the gain is
reduced until there are no transitions on its output. Such procedure assures that the input to
digitalization window comparator is up to 6 times larger than its window.
If the AGC ratio is set to three, the input to the digitalization window comparator is set to be
up to 3 times larger than its window.
The AGC operation is controlled by the control bits agc_en, agc_m, agc_alg, and agc6_3 in
Receiver configuration register 2.
The bit agc_m defines the AGC mode when two AGC modes are available. The AGC can
operate during the complete RX process as long as the signal rx_on is high and it can be
enabled only during first eight subcarrier pulses.
There are two AGC algorithms to choose from bit agc_alg. The AGC can start either by
pre-setting (maximum digitizer window and maximum gain) or by resetting (minimum
digitizer window and maximum gain) it. The algorithm with preset is faster and therefore
recommended for protocols with short SOF (like ISO14443A at 106 kbps).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com