Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56600FM/AD Datasheet(PDF) 16 Page - NXP Semiconductors

Part # DSP56600FM/AD
Description  INTEGRATED CELLULAR BASEBAND PROCESSOR DEVELOPMENT IC
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56600FM/AD Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button DSP56600FM/AD Datasheet HTML 12Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 13Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 14Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 15Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 16Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 17Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 18Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 19Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 76 page
background image
Preliminary
1-10
DSP56651 Technical Data Sheet
MOTOROLA
Pin and Signal Descriptions
DSP56651 Signal Description
DSP56651 SIGNAL DESCRIPTION
DSP56651 signals are organized into nineteen functional groups as summarized in
Table 1-3
. Figure 1-3 is a diagram of DSP56651 signals by functional group.
Table 1-3
Signal Functional Group Allocations
Functional Group
Number
of
Signals
Detailed
Description
Power (VCCX)20
Table 1-4
Ground (GNDX)17
Table 1-5
Substrate ground (GND)
20
PLL and clocks
5
Table 1-6
Address bus
External
Interface
Module
(EIM)
22
Table 1-7
Data bus
16
Table 1-8
Bus control
4
Table 1-9
Chip selects
6
Table 1-10
Reset, mode, and multiplexer control
5
Table 1-11
External interrupts
9
Table 1-12
Timers
8
Table 1-13
Keypad port
16
Table 1-14
Serial data port (UART)
4
Table 1-15
Serial control port (QSPI)
8
Table 1-16
Smart Card port (SIM)
5
Table 1-17
Serial audio codec port (SAP)
6
Table 1-18
Baseband codec port
6
Table 1-19
Emulation port
Develop-
ment
and Test
6
Table 1-20
Debug control port
2
Table 1-21
JTAG test access port (TAP)
6
Table 1-22
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com