Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56600FM/AD Datasheet(PDF) 23 Page - NXP Semiconductors

Part # DSP56600FM/AD
Description  INTEGRATED CELLULAR BASEBAND PROCESSOR DEVELOPMENT IC
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56600FM/AD Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button DSP56600FM/AD Datasheet HTML 19Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 20Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 21Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 22Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 23Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 24Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 25Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 26Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 76 page
background image
Pin and Signal Descriptions
DSP56651 Signal Description
Preliminary
MOTOROLA
DSP56651 Technical Data Sheet
1-17
Reset, Mode, and Multiplexer Control
Table 1-11
Reset, Mode, and Multiplexer Control Signals
Signal Name
Signal
Type
State
during
Reset
Signal Description
RESET_IN
Input
Input
Reset input
—This signal is an active low Schmitt trigger input
that provides a reset signal to the internal circuitry. The input is
valid if it is asserted for at least three CKIL clock cycles.
This pin has a 47k
Ω pull-up resistor.
Note:
If MUX_CTL is held high, the RTS signal of the serial data
port (UART) becomes the RESET_IN input line.
(See Table 1-15 on page 1-26.)
RESET_OUT
Output
Pulled
low
Reset output
—This signal is asserted low for at least seven CKIL
clock cycles under one of the following conditions:
•
RESET_IN is pulled low for at least three CKIL clock
cycles
•
The alternate RESET_IN signal is enabled by MUX_CTL
and is pulled low for at least three CKIL clock cycles
•
The watchdog count expires
This signal is asserted immediately after the qualifier detects a
valid RESET_IN signal, remains asserted during RESET_IN
assertion, and is stretched for at least seven more CKIL clock
cycles after RESET_IN is deasserted. Three CKIL clock cycles
before RESET_OUT is deasserted, the MCU boot mode is latched
from the MOD signal.
MOD
Input
Input
Mode select
—This signal selects the MCU boot mode during
hardware reset. If MOD is driven low at least four CKIL clock
cycles before RESET_OUT is deasserted, then the internal MCU
ROM ignores the first access and the M•CORE fetches the first
word from the first location the external flash memory. If MOD is
driven high four CKIL clock cycles before RESET_OUT
deassertion, then the internal MCU ROM is enabled and the
M•CORE fetches the first word from the first location in the
internal ROM.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com