Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56600FM/AD Datasheet(PDF) 54 Page - NXP Semiconductors

Part # DSP56600FM/AD
Description  INTEGRATED CELLULAR BASEBAND PROCESSOR DEVELOPMENT IC
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56600FM/AD Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button DSP56600FM/AD Datasheet HTML 50Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 51Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 52Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 53Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 54Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 55Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 56Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 57Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 76 page
background image
Preliminary
2-12
DSP56651 Technical Data Sheet
MOTOROLA
Specifications
QSPI Timing
QSPI TIMING
The QSPI uses the signals in the serial control port to select individual serial
peripherals (using the SPI chip select signals) and transfer data between peripherals
and the DSP56651.
Table 2-12
QSPI Timing
Num
Characteristics
Symbol
Expression
MCU_CLK
@ 16.8 MHz
Unit
Min
Max
301
Cycle time
TQCYC
—
1
504
TMC
302
Clock (SCK) high or low time
TSW
—
—
252
TMC
303
Chip-select lag time
TLAG
—
1
∞
TQCYC
304
Inter-queue transfer delay
TTD
—
1
∞
TQCYC
305
Chip-select lead time
TLEAD
—
1
128
TQCYC
306
Data setup time (inputs)
TSU
—0
—
nS
307
Data hold time (inputs)
THI
—
0.5
—
TQCYC
308
Data valid (after SCK edge)
TV
——
6
nS
309
Data hold time (outputs)
THO
—–2
—nS
310
Rise time
TI
—
—
10
nS
311
Fall time
TF
—
—
10
nS
Figure 2-7
QSPI Timings for CPHA = 0
SCK (CSPOL = 0)
MISO
SCK (CSPOL = 1)
PCS [4:0]
MOSI
MSB OUT
DATA
LSB OUT
MSB IN
DATA
LSB IN
MSB OUT
MSB IN
303
305
310
301
302
304
304
306
308
307
309
311
AA1685
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com