Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56600FM/AD Datasheet(PDF) 34 Page - NXP Semiconductors

Part # DSP56600FM/AD
Description  INTEGRATED CELLULAR BASEBAND PROCESSOR DEVELOPMENT IC
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56600FM/AD Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button DSP56600FM/AD Datasheet HTML 30Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 31Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 32Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 33Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 34Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 35Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 36Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 37Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 76 page
background image
Preliminary
1-28
DSP56651 Technical Data Sheet
MOTOROLA
Pin and Signal Descriptions
DSP56651 Signal Description
For serial data port (UART) signals equipped with resistors, all pull-ups and
pull-downs are automatically disconnected when the pin is an output.
Normal:
MUX_CTL driven low
CTS
Input or
Output
Input
Clear to send—
This signal functions as the UART CTS signal, and is
equipped with a 47k
Ω pull-up.
After reset, the default state for this signal is GPI.
Note:
The signal is a GPIO when not used as CTS.
Alternate:
MUX_CTL driven high
MCU_DE
Input
Output
Input
Microcontroller debug event
—As an input signal, this signal
provides a means to enter the debug mode of operation from an
external command converter. An an output signal, it acknowledges
that the MCU has entered the debug mode. The signal is equipped
with an open-drain 47k
Ω pull-up resistor.
When the MCU enters the debug mode due to a debug request or as
the result of meeting a breakpoint condition, it asserts MCU_DE as
an output signal for several clock cycles.
Note:
When this signal is enabled, the primary MCU_DE signal is
disabled. (See Table 1-21.)
Note:
There are four additional signals that support UART operation, provided as follows:
•
DSR—data set ready. This is an alternate function for the INT6 signal. (See Table 1-12
on page 1-19.)
•
DTR—data terminal ready. This is an alternate function for the INT7 signal. (See Table 1-12
on page 1-19.)
•
DCD—data carrier detect. This is an alternate function for the ROW6 signal. (See Table 1-14
on page 1-22.)
•
RI—ring indicator. This is an alternate function for the ROW7 signal. (See Table 1-14
on page 1-22.)
Table 1-15
Serial Data Port (UART) Signals (Continued)
Signal Name
Signal
Type
State
during
Reset
Signal Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com