Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56600FM/AD Datasheet(PDF) 35 Page - NXP Semiconductors

Part # DSP56600FM/AD
Description  INTEGRATED CELLULAR BASEBAND PROCESSOR DEVELOPMENT IC
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56600FM/AD Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button DSP56600FM/AD Datasheet HTML 31Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 32Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 33Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 34Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 35Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 36Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 37Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 38Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 76 page
background image
Pin and Signal Descriptions
DSP56651 Signal Description
Preliminary
MOTOROLA
DSP56651 Technical Data Sheet
1-29
Serial Control Port
For serial control port signals equipped with resistors, all pull-ups and pull-downs
are automatically disconnected when the pin is an output.
Table 1-16
Serial Control Port Signals
Signal Name
Signal
Type
State
during
Reset
Signal Description
SPICS0–
SPICS3
Output
Input or
Output
Input
Synchronous peripheral chip select 0–3
—The output signals
provide chip select signals for the queued serial peripheral interface
(QSPI). The signals are programmable as active high or active low.
Each signal has an on-chip 100 k
Ω pull-up resistor.
These are GPIO signals when the chip select functions are not being
used. After reset, the default state for each signal is GPI.
SPICS4
Output
Input or
Output
Input
Synchronous peripheral chip select 4
—This output signal provides
a chip select signal for the QSPI. This signal is programmable as
active high or active low. This signal has an on-chip 100 k
Ω pull-
down resistor.
This is a GPIO signal when the chip select function is not being
used. After reset, the default state is GPI.
SCK
Output
Input or
Output
Input
Serial clock
— This output signal provides the serial clock from the
QSPI for the accessed peripherals. There is a programmable number
of clock cycles delay between the assertion of the chip select signal
and the first transmission of the serial clock. The polarity and phase
of SCK are programmable.
This is a GPIO signal when the SCK function is not being used.
After reset, the default state is GPI.
MISO
Input
Input or
Output
Input
Synchronous master in slave out
—This input signal provides serial
data input to the QSPI. Input data can be sampled on the rising or
falling edge of SCK and received in QSPI RAM MSB or LSB first.
This is a GPIO signal when the function is not being used. After
reset, the default state is GPI.
MOSI
Output
Input or
Output
Input
Synchronous master out slave in
—This output signal provides
serial data from the QSPI. Output data can be sampled on the rising
or falling edge of SCK and transmitted MSB or LSB first.
This is a GPIO signal when the function is not being used. After
reset, the default state is GPI.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com